Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLR2705PBF Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRLR2705PBF
Szczegółowy opis  Logic-Level Gate Drive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLR2705PBF Arkusz danych(HTML) 1 Page - International Rectifier

  IRLR2705PBF_15 Datasheet HTML 1Page - International Rectifier IRLR2705PBF_15 Datasheet HTML 2Page - International Rectifier IRLR2705PBF_15 Datasheet HTML 3Page - International Rectifier IRLR2705PBF_15 Datasheet HTML 4Page - International Rectifier IRLR2705PBF_15 Datasheet HTML 5Page - International Rectifier IRLR2705PBF_15 Datasheet HTML 6Page - International Rectifier IRLR2705PBF_15 Datasheet HTML 7Page - International Rectifier IRLR2705PBF_15 Datasheet HTML 8Page - International Rectifier IRLR2705PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRLR2705PbF
IRLU2705PbF
HEXFET® Power MOSFET
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
2.2
RθJA
Case-to-Ambient (PCB mount)**
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance
Description
1/11/05
www.irf.com
1
D-Pak
TO-252AA
I-Pak
TO-251AA
l Logic-Level Gate Drive
l Ultra Low On-Resistance
l Surface Mount (IRLR2705)
l Straight Lead (IRLU2705)
l Advanced Process Technology
l Fast Switching
l Fully Avalanche Rated
Fifth Generation HEXFETs from International Rectifier utilize advanced
processing techniques to achieve the lowest possible on-resistance per
silicon area.
This benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs are well known for,
provides the designer with an extremely efficient device for use in a wide
variety of applications.
The D-PAK is designed for surface mounting using vapor phase, infrared, or
wave soldering techniques. The straight lead version (IRFU series) is for
through-hole mounting applications. Power dissipation levels up to 1.5 watts
are possible in typical surface mount applications.
** When mounted on 1" square PCB (FR-4 or G-10 Material ) .
For recommended footprint and soldering techniques refer to application note #AN-994
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
28
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
20
A
IDM
Pulsed Drain Current

110
PD @TC = 25°C
Power Dissipation
68
W
Linear Derating Factor
0.45
W/°C
VGS
Gate-to-Source Voltage
± 16
V
EAS
Single Pulse Avalanche Energy
‚
110
mJ
IAR
Avalanche Current

16
A
EAR
Repetitive Avalanche Energy

6.8
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
PD - 95062A
l Lead-Free
S
D
G
VDSS = 55V
RDS(on) = 0.040Ω
ID = 28A
…


Podobny numer części - IRLR2705PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLR2705PBF IRF-IRLR2705PBF Datasheet
257Kb / 10P
   HEXFET Power MOSFET
More results

Podobny opis - IRLR2705PBF_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLR3105TRPBF IRF-IRLR3105TRPBF Datasheet
327Kb / 11P
   Logic-Level Gate Drive
IRLZ34NSLPBF IRF-IRLZ34NSLPBF Datasheet
191Kb / 11P
   Logic-Level Gate Drive
IRLR014NTRPBF IRF-IRLR014NTRPBF Datasheet
293Kb / 10P
   Logic-Level Gate Drive
logo
Kersemi Electronic Co.,...
IRLU024N KERSEMI-IRLU024N Datasheet
939Kb / 10P
   Logic-Level Gate Drive
IRLU3410 KERSEMI-IRLU3410 Datasheet
921Kb / 10P
   Logic Level Gate Drive
logo
International Rectifier
IRLZ44NSTRR IRF-IRLZ44NSTRR Datasheet
189Kb / 11P
   Logic-Level Gate Drive
IRL520NPBF IRF-IRL520NPBF Datasheet
313Kb / 9P
   Logic-level Gate Drive
logo
Infineon Technologies A...
AUIRLS8409-7P INFINEON-AUIRLS8409-7P Datasheet
278Kb / 11P
   Logic Level Gate Drive
2016-02-15
logo
International Rectifier
AUIRLZ24NS IRF-AUIRLZ24NS Datasheet
277Kb / 12P
   Logic Level Gate Drive
IRLR2705TRL IRF-IRLR2705TRL Datasheet
202Kb / 11P
   Logic-Level Gate Drive
IRLR2703PBF IRF-IRLR2703PBF_15 Datasheet
319Kb / 11P
   Logic-Level Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com