Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC_HCT3G34 Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74HC_HCT3G34
Szczegółowy opis  Triple buffer gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT3G34 Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74HC_HCT3G34_15 Datasheet HTML 1Page - NXP Semiconductors 74HC_HCT3G34_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT3G34_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT3G34_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT3G34_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT3G34_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT3G34_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT3G34_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT3G34_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
General description
The 74HC3G34; 74HCT3G34 is a triple buffer. Inputs include clamp diodes. This enables
the use of current limiting resistors to interface inputs to voltages in excess of VCC.
2.
Features and benefits
Wide supply voltage range from 2.0 V to 6.0 V
Input levels:
For 74HC3G34: CMOS level
For 74HCT3G34: TTL level
Complies with JEDEC standard no. 7 A
Symmetrical output impedance
High noise immunity
Low-power dissipation
Balanced propagation delays
Multiple package options
ESD protection:
HBM JESD22-A114E exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
Specified from
40 Cto+85 C and 40 Cto+125 C
3.
Ordering information
74HC3G34; 74HCT3G34
Triple buffer gate
Rev. 6 — 11 December 2013
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC3G34DP
40 C to +125 C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74HCT3G34DP
74HC3G34DC
40 C to +125 C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74HCT3G34DC
74HC3G34GD
40 C to +125 C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 3
 2  0.5 mm
SOT996-2
74HCT3G34GD


Podobny numer części - 74HC_HCT3G34_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC_HCT3G04 PHILIPS-74HC_HCT3G04_15 Datasheet
181Kb / 14P
   Inverter
Rev. 4-2 October 2013
74HC_HCT3G06 PHILIPS-74HC_HCT3G06_15 Datasheet
182Kb / 14P
   Triple inverter with open-drain outputs
Rev. 4-19 December 2013
74HC_HCT3G07 PHILIPS-74HC_HCT3G07_15 Datasheet
185Kb / 14P
   Triple buffer with open-drain outputs
Rev. 4-16 December 2013
74HC_HCT3G14 PHILIPS-74HC_HCT3G14_15 Datasheet
220Kb / 21P
   Triple inverting Schmitt trigger
Rev. 5-9 December 2013
More results

Podobny opis - 74HC_HCT3G34_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC3G34 PHILIPS-74LVC3G34 Datasheet
79Kb / 14P
   Triple buffer gate
Rev. 03-31 January 2005
74HC3G34 NXP-74HC3G34 Datasheet
90Kb / 13P
   Triple buffer gate
Rev. 05-7 May 2009
logo
Unisonic Technologies
U74AHC3G34 UTC-U74AHC3G34 Datasheet
166Kb / 4P
   TRIPLE BUFFER GATE
logo
Nexperia B.V. All right...
74HCT3G34-Q100 NEXPERIA-74HCT3G34-Q100 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 2 - 11 June 2018
74HCT3G34 NEXPERIA-74HCT3G34 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 7 - 11 June 2018
logo
NXP Semiconductors
74HC3G34 PHILIPS-74HC3G34 Datasheet
81Kb / 16P
   Triple Buffer Gate
2003 May 19
logo
Texas Instruments
SN74LVC3G34 TI1-SN74LVC3G34_15 Datasheet
903Kb / 21P
[Old version datasheet]   Triple Buffer Gate
SN74LVC3G34 TI-SN74LVC3G34_07 Datasheet
533Kb / 13P
[Old version datasheet]   TRIPLE BUFFER GATE
logo
Unisonic Technologies
U74HCT3G34 UTC-U74HCT3G34 Datasheet
165Kb / 4P
   TRIPLE BUFFER GATE
logo
Nexperia B.V. All right...
74HC3G34-Q100 NEXPERIA-74HC3G34-Q100 Datasheet
197Kb / 13P
   Triple buffer gate
74HC3G16 NEXPERIA-74HC3G16 Datasheet
184Kb / 9P
   Triple buffer gate
Rev. 3 - 17 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com