Zakładka z wyszukiwarką danych komponentów |
|
74HC_HCT3G07 Arkusz danych(PDF) 5 Page - NXP Semiconductors |
|
74HC_HCT3G07 Arkusz danych(HTML) 5 Page - NXP Semiconductors |
5 / 14 page 74HC_HCT3G07 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 4 — 16 December 2013 5 of 14 NXP Semiconductors 74HC3G07; 74HCT3G07 Triple buffer with open-drain outputs [1] Typical values are measured at Tamb =25 C. 11. Dynamic characteristics 74HCT3G07 VIH HIGH-level input voltage VCC = 4.5 V to 5.5 V 2.0 1.6 - 2.0 - V VIL LOW-level input voltage VCC = 4.5 V to 5.5 V - 1.2 0.8 - 0.8 V VOL LOW-level output voltage VI = VIH or VIL IO = 20 A; VCC = 4.5 V - 0 0.1 - 0.1 V IO = 4.0 mA; VCC = 4.5 V - 0.15 0.33 - 0.4 V II input leakage current VI =VCC or GND; VCC =5.5 V - - 1.0 - 1.0 A ILO output leakage current VI =VIH; VO =VCC or GND - - 5.0 - 10 A ICC supply current per input pin; VCC =5.5 V; VI =VCC or GND; IO =0A; -- 10 - 20 A I CC additional supply current per input; VCC = 4.5 V to 5.5 V; VI =VCC 2.1 V; IO =0A - - 375 - 410 A CI input capacitance - 1.5 - - - pF Table 7. Static characteristics …continued Voltages are referenced to GND (ground = 0 V). All typical values are measured at Tamb =25 C. Symbol Parameter Conditions 40 C to +85 C 40 C to +125 C Unit Min Typ[1] Max Min Max Table 8. Dynamic characteristics Voltages are referenced to GND (ground = 0 V); all typical values are measured at Tamb =25 C; for test circuit see Figure 7. Symbol Parameter Conditions 40 C to +85 C 40 C to +125 C Unit Min Typ Max Min Max 74HC3G07 tPZL OFF-state to LOW propagation delay nA to nY; see Figure 6 VCC = 2.0 V - 25 95 - 125 ns VCC = 4.5 V - 9 19 - 25 ns VCC = 6.0 V - 7 16 - 20 ns tPLZ LOW to OFF-state propagation delay nA to nY; see Figure 6 VCC = 2.0 V - 25 95 - 125 ns VCC = 4.5 V - 11 23 - 30 ns VCC = 6.0 V - 10 23 - 26 ns tTHL HIGH to LOW output transition time nY; see Figure 6 VCC = 2.0 V - 18 95 - 125 ns VCC = 4.5 V - 6 19 - 25 ns VCC = 6.0 V - 5 16 - 20 ns CPD power dissipation capacitance VI =GND to VCC [1] -4- - - pF |
Podobny numer części - 74HC_HCT3G07_15 |
|
Podobny opis - 74HC_HCT3G07_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |