Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC_HCT3G07 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74HC_HCT3G07
Szczegółowy opis  Triple buffer with open-drain outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT3G07 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74HC_HCT3G07_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT3G07_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT3G07_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT3G07_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT3G07_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT3G07_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT3G07_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT3G07_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT3G07_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
74HC_HCT3G07
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 16 December 2013
6 of 14
NXP Semiconductors
74HC3G07; 74HCT3G07
Triple buffer with open-drain outputs
[1]
CPD is used to determine the dynamic power dissipation (PD in W).
PD = CPD  VCC2  fi  N + (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
12. Waveforms
74HCT3G07
tPZL
OFF-state to LOW
propagation delay
nA to nY; see Figure 6
VCC = 4.5 V
-
11
27
-
32
ns
tPLZ
LOW to OFF-state
propagation delay
nA to nY; see Figure 6
VCC = 4.5 V
-
10
26
-
31
ns
tTHL
HIGH to LOW output
transition time
VCC = 4.5 V; see Figure 6
-6
19
-
22
ns
CPD
power dissipation
capacitance
VI =GND to VCC  1.5 V
[1]
-4
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); all typical values are measured at Tamb =25 C; for test circuit see Figure 7.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ
Max
Min
Max
Measurement points are given in Table 9.
VOL is the typical output voltage level that occurs with the output load.
Fig 6.
The input (nA) to output (nY) propagation delays
001aak034
nA input
GND
nY output
VM
tPLZ
tPZL
tTHL
VX
VM
VOL
VCC
VI
Table 9.
Measurement points
Type
Input
Output
VM
VM
VX
74HC3G07
0.5
 V
CC
0.5
 V
CC
0.1
 V
CC
74HCT3G07
1.3 V
1.3 V
0.1
 V
CC


Podobny numer części - 74HC_HCT3G07_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC_HCT3G04 PHILIPS-74HC_HCT3G04_15 Datasheet
181Kb / 14P
   Inverter
Rev. 4-2 October 2013
74HC_HCT3G06 PHILIPS-74HC_HCT3G06_15 Datasheet
182Kb / 14P
   Triple inverter with open-drain outputs
Rev. 4-19 December 2013
More results

Podobny opis - 74HC_HCT3G07_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07_06 Datasheet
71Kb / 5P
   Triple Buffer with Open Drain Outputs
April, 2006 ??Rev. 5
logo
Nexperia B.V. All right...
74HC3G07-Q100 NEXPERIA-74HC3G07-Q100 Datasheet
210Kb / 12P
   Triple buffer with open-drain outputs
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07_V01 Datasheet
158Kb / 11P
   Triple Buffer with Open Drain Outputs
March, 2022 - Rev. 10
logo
Diodes Incorporated
74LVC3G07 DIODES-74LVC3G07 Datasheet
545Kb / 8P
   TRIPLE BUFFER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 2 - 2
logo
Nexperia B.V. All right...
74HCT3G07 NEXPERIA-74HCT3G07 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 5 - 24 January 2019
logo
NXP Semiconductors
74HC3G07 NXP-74HC3G07 Datasheet
91Kb / 13P
   Triple buffer with open-drain outputs
Rev. 02-12 May 2009
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07 Datasheet
81Kb / 8P
   Triple Buffer with Open Drain Outputs
August, 2003 ??Rev. 2
NL37WZ07 ONSEMI-NL37WZ07_12 Datasheet
108Kb / 5P
   Triple Buffer with Open Drain Outputs
April, 2012 ??Rev. 8
logo
Nexperia B.V. All right...
74HCT3G07-Q100 NEXPERIA-74HCT3G07-Q100 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 3 - 24 January 2019
logo
Texas Instruments
SN74LVC3G07 TI-SN74LVC3G07 Datasheet
342Kb / 13P
[Old version datasheet]   TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com