Zakładka z wyszukiwarką danych komponentów |
|
IRF5M4905 Arkusz danych(PDF) 2 Page - International Rectifier |
|
IRF5M4905 Arkusz danych(HTML) 2 Page - International Rectifier |
2 / 7 page IRF5M4905 2 www.irf.com Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified) Parameter Min Typ Max Units Test Conditions BVDSS Drain-to-Source Breakdown Voltage -55 — — V VGS = 0V, ID = -250µA ∆BVDSS/∆TJ Temperature Coefficient of Breakdown — -0.053 — V/°C Reference to 25°C, ID = -1.0mA Voltage RDS(on) Static Drain-to-Source On-State — — 0.03 Ω VGS = -10V, ID = -35A Resistance VGS(th) Gate Threshold Voltage -2.0 — -4.0 V VDS = VGS, ID = -250µA gfs Forward Transconductance 18 — — S ( )VDS = -25V, IDS = -35A ➃ IDSS Zero Gate Voltage Drain Current — — -25 VDS = -55V ,VGS=0V — — -250 VDS = -44V, VGS = 0V, TJ =125°C IGSS Gate-to-Source Leakage Forward — — -100 VGS = -20V IGSS Gate-to-Source Leakage Reverse — — 100 VGS = 20V Qg Total Gate Charge — — 195 VGS =-10V, ID = -35A Qgs Gate-to-Source Charge — — 45 nC VDS = -44V Qgd Gate-to-Drain (‘Miller’) Charge — — 75 td(on) Turn-On Delay Time — — 35 VDD = -28V, ID = -35A, tr Rise Time — — 165 VGS =-10V, RG = 2.5Ω td(off) Turn-Off Delay Time — — 95 tf Fall Time — — 130 LS + LD Total Inductance — 6.8 — Measured from drain lead (6mm / 0.25in. from package ) to source lead (6mm/0.25in. from pacakge Ciss Input Capacitance — 3570 — VGS = 0V, VDS = -25V Coss Output Capacitance — 1310 — pF f = 1.0MHz Crss Reverse Transfer Capacitance — 505 — nA ➃ nH ns µA Thermal Resistance Parameter Min Typ Max Units Test Conditions RthJC Junction-to-Case — — 1.0 °C/W Note: Corresponding Spice and Saber models are available on the G&S Website. For footnotes refer to the last page Source-Drain Diode Ratings and Characteristics Parameter Min Typ Max Units Test Conditions IS Continuous Source Current (Body Diode) — — -35* ISM Pulse Source Current (Body Diode) ➀ — — -140 VSD Diode Forward Voltage — — -1.6 V Tj = 25°C, IS = -35A, VGS = 0V ➃ trr Reverse Recovery Time — — 120 ns Tj = 25°C, IF = -35A, di/dt ≥ 100A/µs QRR Reverse Recovery Charge — — 365 nC VDD ≤ -30V ➃ ton Forward Turn-On Time Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD. A * Current is limited by package |
Podobny numer części - IRF5M4905 |
|
Podobny opis - IRF5M4905 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |