Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1050 Arkusz danych(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Numer części 2SA1050
Szczegółowy opis  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Strona internetowa  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SA1050 Arkusz danych(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SA1050_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1050_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SA1050_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JMnic
Product Specification
Silicon PNP Power Transistors
2SA1050
DESCRIPTION
・With TO-3 package
・High transition frequency
・Excellent safe operating area
APPLICATIONS
・For audio and general purpose
power amplifier applications
PINNING(see Fig.2)
PIN
DESCRIPTION
1
Base
2
Emitter
3
Collector
Absolute maximum ratings(Ta=℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
-140
V
VCEO
Collector-emitter voltage
Open base
-140
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current
-12
A
PC
Collector power dissipation
TC=25℃
100
W
Tj
Junction temperature
175
Tstg
Storage temperature
-55~200
Fig.1 simplified outline (TO-3) and symbol


Podobny numer części - 2SA1050_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
2SA1050 ISC-2SA1050 Datasheet
153Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1050 SAVANTIC-2SA1050 Datasheet
109Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SA1050 NJSEMI-2SA1050 Datasheet
182Kb / 2P
   Silicon PNP Power Transistor
More results

Podobny opis - 2SA1050_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com