Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC_HCT4538 Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74HC_HCT4538
Szczegółowy opis  Dual retriggerable precision monostable multivibrator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT4538 Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74HC_HCT4538_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 10Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 11Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 12Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
74HC_HCT4538_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 8 June 2009
9 of 24
NXP Semiconductors
74HC4538; 74HCT4538
Dual retriggerable precision monostable multivibrator
10. Dynamic characteristics
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
25
°C
−40 °C to
+85
°C
−40 °C to
+125
°C
Unit
Min
Typ[1]
Max
Min
Max
Min
Max
74HC4538
tPLH
LOW to HIGH
propagation
delay
nA, nB to nQ;
see Figure 7
VCC = 2.0 V
-
85
265
-
330
-
400
ns
VCC = 4.5 V
-
31
53
-
66
-
80
ns
VCC = 5.0 V; CL = 15 pF
-
27-----
ns
VCC = 6.0 V
-
25
45
-
56
-
68
ns
nCD to nQ; see Figure 7
VCC = 2.0 V
-
83
265
-
340
-
400
ns
VCC = 4.5 V
-
30
53
-
68
-
80
ns
VCC = 6.0 V
-
24
45
-
58
-
68
ns
tPHL
HIGH to LOW
propagation
delay
nA, nB to nQ;
see Figure 7
VCC = 2.0 V
-
83
265
-
330
-
400
ns
VCC = 4.5 V
-
30
53
-
66
-
80
ns
VCC = 5.0 V; CL = 15 pF
-
27-----
ns
VCC = 6.0 V
-
24
45
-
56
-
68
ns
nCD to nQ; see Figure 7
VCC = 2.0 V
-
80
265
-
330
-
400
ns
VCC = 4.5 V
-
29
53
-
66
-
80
ns
VCC = 6.0 V
-
23
45
-
56
-
68
ns
tt
transition time
nQ and nQ; see Figure 7
[2]
VCC = 2.0 V
-
19
75
-
95
-
119
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
VCC = 6.0 V
-
6
13
-
16
-
19
ns


Podobny numer części - 74HC_HCT4538_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC/HCT4538 PHILIPS-74HC/HCT4538 Datasheet
149Kb / 13P
   Dual retriggerable precision monostable multivibrator
September 1993
More results

Podobny opis - 74HC_HCT4538_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HC4538 NEXPERIA-74HC4538 Datasheet
293Kb / 17P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 16 July 2021
74HC4538-Q100 NEXPERIA-74HC4538-Q100 Datasheet
256Kb / 20P
   Dual retriggerable precision monostable multivibrator
74HCT4538-Q100 NEXPERIA-74HCT4538-Q100 Datasheet
252Kb / 20P
   Dual retriggerable precision monostable multivibrator
logo
NXP Semiconductors
74HC4538 PHILIPS-74HC4538 Datasheet
149Kb / 13P
   Dual retriggerable precision monostable multivibrator
September 1993
logo
Nexperia B.V. All right...
74HCT4538 NEXPERIA-74HCT4538 Datasheet
274Kb / 16P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 11 February 2021
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com