Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC_LVCH162245A Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74LVC_LVCH162245A
Szczegółowy opis  16-bit transceiver with direction pin, 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC_LVCH162245A Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74LVC_LVCH162245A_15 Datasheet HTML 1Page - NXP Semiconductors 74LVC_LVCH162245A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVC_LVCH162245A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVC_LVCH162245A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVC_LVCH162245A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVC_LVCH162245A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVC_LVCH162245A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVC_LVCH162245A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVC_LVCH162245A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74LVC_LVCH162245A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 23 November 2011
2 of 16
NXP Semiconductors
74LVC162245A; 74LVCH162245A
16-bit transceiver with direction pin; 30
 resistors; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC162245ADL
40 Cto +125 C
SSOP48
plastic shrink small outline package; 48 leads;
body width 7.5 mm
SOT370-1
74LVCH162245ADL
74LVC162245ADGG
40 Cto +125 C
TSSOP48
plastic thin shrink small outline package;
48 leads; body width 6.1 mm
SOT362-1
74LVCH162245ADGG
Fig 1.
Logic symbol
47
1
1DIR
2
48
1B0
1B1
1B2
1B3
1B4
1B5
1B6
1B7
46
3
44
5
43
6
41
8
40
9
38
11
37
1A0
1A1
1A2
1A3
1A4
1A5
1A6
1A7
12
1OE
36
24
2DIR
13
25
2B0
2B1
2B2
2B3
2B4
2B5
2B6
2B7
35
14
33
16
32
17
30
19
29
20
27
22
26
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
23
2OE
mna708


Podobny numer części - 74LVC_LVCH162245A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
   16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
More results

Podobny opis - 74LVC_LVCH162245A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LVCH162245A NEXPERIA-74LVCH162245A Datasheet
257Kb / 14P
   16-bit transceiver with direction pin; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
74LVC162245A-Q100 NEXPERIA-74LVC162245A-Q100 Datasheet
237Kb / 14P
   16-bit transceiver with direction pin; 30 廓 series termination resistors; 5 V tolerant input/output; 3-state
logo
NXP Semiconductors
74LVC2245A PHILIPS-74LVC2245A_15 Datasheet
297Kb / 16P
   Octal transceiver with direction pin, 30 series termination resistors; 5 V tolerant input/output; 3-state
Rev. 5-4 November 2011
74LVC2245A PHILIPS-74LVC2245A Datasheet
87Kb / 17P
   Octal transceiver with direction pin; 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
2003 Nov 17
logo
Nexperia B.V. All right...
74LVC2245A NEXPERIA-74LVC2245A Datasheet
258Kb / 14P
   Octal transceiver with direction pin, 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6 - 30 April 2021
logo
NXP Semiconductors
74LVCH322245A PHILIPS-74LVCH322245A_15 Datasheet
119Kb / 15P
   32-bit bus transceiver with direction pin; 30 ??series termination resistors; 5 V tolerant; 3-state
Rev. 4-20 December 2011
74LVC322245A PHILIPS-74LVC322245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 30 ohm series termination resistors; 5 V tolerant; 3-state
1999 Sep 01
74LVC162245A PHILIPS-74LVC162245A Datasheet
84Kb / 10P
   16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State
2003 Dec 08
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com