Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC_HCT4351_CNV Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74HC_HCT4351_CNV
Szczegółowy opis  8-channel analog multiplexer/demultiplexer with latch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT4351_CNV Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74HC_HCT4351_CNV_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT4351_CNV_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT4351_CNV_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT4351_CNV_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT4351_CNV_15 Datasheet HTML 10Page - NXP Semiconductors 74HC_HCT4351_CNV_15 Datasheet HTML 11Page - NXP Semiconductors 74HC_HCT4351_CNV_15 Datasheet HTML 12Page - NXP Semiconductors 74HC_HCT4351_CNV_15 Datasheet HTML 13Page - NXP Semiconductors 74HC_HCT4351_CNV_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
December 1990
10
Philips Semiconductors
Product specification
8-channel analog multiplexer/demultiplexer
with latch
74HC/HCT4351
DC CHARACTERISTICS FOR 74HCT
Voltages are referenced to GND (ground = 0)
Note to HCT types
1. The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given here.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
VEE
(V)
VI
OTHER
+25
−40 to +85 −40 to +125
min.
typ. max. min.
max.
min.
max.
VIH
HIGH level input
voltage
2.0
1.6
2.0
2.0
V
4.5
to
5.5
VIL
LOW level input
voltage
1.2
0.8
0.8
0.8
V
4.5
to
5.5
±I
I
input leakage
current
0.1
1.0
1.0
µA
5.5
0
VCC
or
GND
±IS
analog switch
OFF-state current
per channel
0.1
1.0
1.0
µA
10.0
0VIH
or
VIL
V
S =
VCC − VEE
(see
Fig.10)
±IS
analog switch
OFF-state current
all channels
0.4
4.0
4.0
µA
10.0
0VIH
or
VIL
V
S =
VCC − VEE
(see
Fig.10)
±IS
analog switch
ON-state current
0.4
4.0
4.0
µA
10.0 0
VIH
or
VIL
V
S =
VCC − VEE
(see
Fig.11)
ICC
quiescent supply
current
8.0
16.0
80.0
160.0
160.0
320.0
µA
5.5
5.0
0
−5.0
VCC
or
GND
Vis =VEE
or VCC;
Vos =VCC
or VEE
∆ICC
additional
quiescent supply
current per input
pin for unit load
coefficient is 1
(note 1)
100
360
450
490
µA
4.5
to
5.5
0
VCC
−2.1 V
other
inputs
at VCC or
GND
INPUT
UNIT LOAD COEFFICIENT
E1, E2
Sn
LE
0.50
0.50
1.5


Podobny numer części - 74HC_HCT4351_CNV_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC_HCT4316_CNV PHILIPS-74HC_HCT4316_CNV_15 Datasheet
129Kb / 15P
   Quad bilateral switches
September 1993
More results

Podobny opis - 74HC_HCT4351_CNV_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC4351D-T NXP-74HC4351D-T Datasheet
116Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
74HC4351 PHILIPS-74HC4351 Datasheet
135Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Nexperia B.V. All right...
74HCT4351 NEXPERIA-74HCT4351 Datasheet
347Kb / 23P
   8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
logo
STMicroelectronics
M74HC4351 STMICROELECTRONICS-M74HC4351 Datasheet
216Kb / 12P
   ANALOG MULTIPLEXER/DEMULTIPLEXER WITH ADDRESS LATCH : SINGLE 8 CHANNEL
logo
NXP Semiconductors
74HC4353 PHILIPS-74HC4353 Datasheet
136Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com