Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6V49205B Arkusz danych(PDF) 6 Page - Integrated Device Technology

Numer części 6V49205B
Szczegółowy opis  Industrial temperature range operation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

6V49205B Arkusz danych(HTML) 6 Page - Integrated Device Technology

Back Button 6V49205B Datasheet HTML 2Page - Integrated Device Technology 6V49205B Datasheet HTML 3Page - Integrated Device Technology 6V49205B Datasheet HTML 4Page - Integrated Device Technology 6V49205B Datasheet HTML 5Page - Integrated Device Technology 6V49205B Datasheet HTML 6Page - Integrated Device Technology 6V49205B Datasheet HTML 7Page - Integrated Device Technology 6V49205B Datasheet HTML 8Page - Integrated Device Technology 6V49205B Datasheet HTML 9Page - Integrated Device Technology 6V49205B Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
FREESCALE P10XX AND P20XX SYSTEM CLOCK W/SELECTABLE DDR FREQUENCY
6
REVISION P 08/10/15
6V49205B DATASHEET
AC Electrical Characteristics - Low Power HCSL-Compatible PCIe Outputs
Electrical Characteristics - Phase Jitter, PCIe Outputs at 100MHz
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
MHz
2,3
MHz
2,3
ppmSSoff
PCIe 100MHz or 125MHz
ppm
1,2
ppmSSon
PCIe @ -0.5% spread, 100MHz only
ppm
1,2
Rising/Falling Edge Slew Rate
tSLEW
Differential Measurement
2.2
4.1
5.7
V/ns
1,3,6
Slew Rate Variation
tSLVAR
Single-ended Measurement
1
20
%
1,6
Maximum Output Voltage
VHIGH
Includes overshoot
793
1150
mV
6,7
Minimum Output Voltage
VLOW
Includes undershoot
-300
-22
mV
6,7
Differential Voltage Swing
VSWING
Differential Measurement
300
mV
1,6
Crossing Point Voltage
VXABS
Single-ended Measurement
300
419
550
mV
1,4,6
Crossing Point Variation
VXABSVAR
Single-ended Measurement
115
140
mV
1,4,5
Duty Cycle
DCYC
Differential Measurement
45
50.1
55
%
1
PCIe Jitter - Cycle to Cycle
PCIeJC2C
Differential Measurement
36
125
ps
1
PCIe[5:0] Skew
TSKEwPCIe50
Differential Measurement
1172
1500
ps
1,6,8
Spread Spectrum Modulation
Frequency
fSSMOD
Triangular Modulation
30
31.5
33
kHz
Notes for PCIe Clocks:
1 Guaranteed by design and characterization, not 100% tested in production.
2 Clock Frequency specifications are guaranteed assuming that REF is at 25MHz
3 Slew rate measured through V_swing voltage range centered about differential zero
4 Vcross is defined at the voltage where Clock = Clock#.
5 Only applies to the differential rising edge (Clock rising, Clock# falling.)
6 At default SMBus settings.
7 The Freescale P-series CPU's have internal terminations on their SerDes Reference Clock inputs. The resulting amplitude at these inputs will be 1/2 of the
values listed, which are well within the 800mV Freescale specification for these inputs.
8 This value includes an intentional output-to-output skew of approximately 250ps.
Synthesis error
0
+/-100
Clock Frequency
f
Spread off
100.00
125.00
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
INDUSTRY
SPEC LIMIT UNITS NOTES
tjphPCIe1
PCIe Gen 1 phase jitter
35
56
86
ps
1,2,3
tjphPCIe2Lo
PCIe Gen 2 phase jitter
Lo-band content
1.6
2.4
3
ps
(RMS)
1,2,3
tjphPCIe2Hi
PCIe Gen 2 phase jitter
Hi-band content
1.9
2.8
3.1
ps
(RMS)
1,2,3
tjphPCIe3
PCIe Gen 3 phase jitter
0.5
0.83
1
ps
(RMS)
1,2,3
Notes on Phase Jitter:
2 Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12
3 Applies to PCIe outputs @ default amplitude and 100MHz with spread off or at -0.5%.
1 See http://www.pcisig.com for complete specs. Guaranteed by design and characterization, not tested in production.
Jitter, Phase


Podobny numer części - 6V49205B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
6V49205B IDT-6V49205B Datasheet
275Kb / 16P
   Freescale System Clock w/Selectable DDR Frequency
6V49205B IDT-6V49205B Datasheet
558Kb / 18P
   Freescale P10XX and P20XX System Clock
logo
Renesas Technology Corp
6V49205B RENESAS-6V49205B Datasheet
802Kb / 18P
   Freescale P10XX and P20XX System Clock with Selectable DDR Frequency
SEPTEMBER 29, 2021
logo
Integrated Device Techn...
6V49205BNLGI IDT-6V49205BNLGI Datasheet
275Kb / 16P
   Freescale System Clock w/Selectable DDR Frequency
6V49205BNLGI IDT-6V49205BNLGI Datasheet
558Kb / 18P
   Freescale P10XX and P20XX System Clock
More results

Podobny opis - 6V49205B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shoulder Electronics Li...
HDF43392A1S6 SHOULDER-HDF43392A1S6 Datasheet
177Kb / 9P
   Operation Temperature Range
HDF787ES6 SHOULDER-HDF787ES6 Datasheet
163Kb / 8P
   Operation Temperature Range
HDF922AS6 SHOULDER-HDF922AS6 Datasheet
160Kb / 8P
   Operation Temperature Range
HDF948AS6 SHOULDER-HDF948AS6 Datasheet
161Kb / 8P
   Operation Temperature Range
logo
Seiko Instruments Inc
S-35740C01A-K8T2U SII-S-35740C01A-K8T2U Datasheet
2Mb / 31P
   Operation temperature range
logo
Shoulder Electronics Li...
HDBF14021A21 SHOULDER-HDBF14021A21 Datasheet
179Kb / 8P
   Operation Temperature Range
logo
STANLEY ELECTRIC CO.,LT...
VSTW1154LA3SE-3D1E3-TR STANLEY-VSTW1154LA3SE-3D1E3-TR Datasheet
900Kb / 24P
   Wide operation temperature range
VSTW1154LDSE-3D4K3-TR STANLEY-VSTW1154LDSE-3D4K3-TR Datasheet
991Kb / 24P
   Wide operation temperature range.
VSTW1154LCSE-3D3B3-TR STANLEY-VSTW1154LCSE-3D3B3-TR Datasheet
954Kb / 24P
   Wide operation temperature range.
logo
IK Semicon Co., Ltd
IN16C1058 IKSEMICON-IN16C1058 Datasheet
434Kb / 66P
   Industrial Temperature Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com