Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB04N03F3 Arkusz danych(PDF) 4 Page - Cystech Electonics Corp.

Numer części MTB04N03F3
Szczegółowy opis  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB04N03F3 Arkusz danych(HTML) 4 Page - Cystech Electonics Corp.

  MTB04N03F3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB04N03F3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB04N03F3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB04N03F3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB04N03F3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB04N03F3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB04N03F3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB04N03F3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB04N03F3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C807F3
Issued Date : 2009.12.02
Revised Date : 2015.09.04
Page No. : 4/9
MTB04N03F3
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
40
80
120
160
200
01
2
3
45
VDS, Drain-Source Voltage(V)
10V,9V,8V,7V,6V,5V
VGS=3.5V
VGS=4V
Brekdown Voltage vs Junction Temperature
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25 50
75 100 125 150 175 200
Tj, Junction Temperature(°C)
ID=250μA,
VGS=0V
Static Drain-Source On-State resistance vs Drain Current
1
10
100
1000
0.1
1
10
100
ID, Drain Current(A)
VGS=10V
VGS=3V
VGS=4.5V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
04
8
12
16
2
IDR, Reverse Drain Current(A)
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
10
20
30
40
50
60
70
80
90
100
02
4
6
8
10
0
Tj=25°C
Tj=150°C
Drain-Source On-State Resistance vs Junction Tempearture
0
0.4
0.8
1.2
1.6
2
2.4
-75 -50 -25
0
25 50 75 100 125 150 175 200
Tj, Junction Temperature(°C)
VGS, Gate-Source Voltage(V)
ID=30A
VGS=10V, ID=30A
RDS(ON)@Tj=25°C : 3.4mΩ typ.


Podobny numer części - MTB04N03F3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB04N03AQ8 CYSTEKEC-MTB04N03AQ8 Datasheet
325Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB04N03E3 CYSTEKEC-MTB04N03E3 Datasheet
304Kb / 7P
   N-Channel Enhancement Mode Power MOSFET
MTB04N03H8 CYSTEKEC-MTB04N03H8 Datasheet
339Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB04N03J3 CYSTEKEC-MTB04N03J3 Datasheet
344Kb / 11P
   N-Channel Enhancement Mode Power MOSFET
MTB04N03Q8 CYSTEKEC-MTB04N03Q8 Datasheet
317Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results

Podobny opis - MTB04N03F3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com