Zakładka z wyszukiwarką danych komponentów |
|
74LVCH32244A Arkusz danych(PDF) 4 Page - NXP Semiconductors |
|
74LVCH32244A Arkusz danych(HTML) 4 Page - NXP Semiconductors |
4 / 14 page 74LVCH32244A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 3 — 16 December 2011 4 of 14 NXP Semiconductors 74LVCH32244A 32-bit buffer/line driver; 5 V input/output tolerant; 3-state 6. Functional description [1] H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state 7. Limiting values [1] The minimum input voltage ratings may be exceeded if the input current ratings are observed. [2] The output voltage ratings may be exceeded if the output current ratings are observed. [3] All supply and ground pins connected externally to one voltage source. [4] Above 70 C the value of P tot derate linearly with 1.8 mW/K. 8. Recommended operating conditions Table 3: Functional table[1] Input Output nOE nAn nYn LLL LH H HX Z Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V) Symbol Parameter Conditions Min Max Unit VCC supply voltage 0.5 +6.5 V IIK input clamping current VI <0 50 - mA VI input voltage [1] 0.5 +6.5 V IOK output clamping current VO >VCC or VO <0 - 50 mA VO output voltage output HIGH or LOW state [2] 0.5 VCC +0.5 V output 3-state [2] 0.5 +6.5 V IO output current VO =0V to VCC - 50 mA ICC supply current [3] - 200 mA IGND ground current [3] 200 - mA Tstg storage temperature 65 +150 C Ptot total power dissipation Tamb = 40 C to +125 C [4] - 1000 mW Table 5. Recommended operating conditions Symbol Parameter Conditions Min Typ Max Unit VCC supply voltage 1.65 - 3.6 V functional 1.2 - - V VI input voltage 0 - 5.5 V VO output voltage output HIGH or LOW state 0 - VCC V output 3-state 0 - 5.5 V Tamb ambient temperature in free air 40 - +85 C t/V input transition rise and fall rate VCC = 1.65 V to 2.7 V - - 20 ns/V VCC = 2.7 V to 3.6 V - - 10 ns/V |
Podobny numer części - 74LVCH32244A_15 |
|
Podobny opis - 74LVCH32244A_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |