Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVT2244 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74LVT2244
Szczegółowy opis  3.3V Octal buffer/line driver with 30W series termination resistors (3-State)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT2244 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74LVT2244_15 Datasheet HTML 1Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 2Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVT2244
3.3V Octal buffer/line driver with 30
series termination resistors (3-State)
2
1998 Feb 19
853-1867 18985
FEATURES
Octal bus interface
3-State buffers
Output capability: +12mA/-12mA
TTL input and output switching levels
Input and output interface capability to systems at 5V supply
Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
Power-up 3-State
Live insertion/extraction permitted
No bus current loading when output is tied to 5V bus
Latch-up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
Outputs include series resistance of 30Ω, making external
termination resistors unnecessary.
DESCRIPTION
The LVT2244 is a high-performance BiCMOS product designed for
VCC operation at 3.3V.
This device is an octal buffer that is ideal for driving bus lines. The
device features two Output Enables (OE1, OE2), each controlling
four of the 3-State outputs.
The 74LVT2244 is designed with 30
Ω series resistance in both the
High and Low states of the output. This design reduces the line
noise in applications such as memory address drivers, clock drivers
and bus receivers/transmitters.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nAx to nYx
CL = 50pF;
VCC = 3.3V
2.9
2.9
ns
CIN
Input capacitance
VI = 0V or 3.0V
4
pF
COUT
Output capacitance
Outputs disabled; VO = 0V or 3.0V
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 3.6V
0.13
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
20-Pin Plastic SOL
–40
°C to +85°C
74LVT2244 D
74LVT2244 D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +85°C
74LVT2244 DB
74LVT2244 DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +85°C
74LVT2244 PW
7LVT2244PW DH
SOT360-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1OE
1A0
2Y3
1A1
2Y2
1A2
2Y1
1A3
2Y0
1Y3
GND
2A1
1Y2
2A2
1Y1
2A3
1Y0
2OE
VCC
2A0
SV00010
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
2, 4, 6, 8
1A0 – 1A3
Data inputs
11. 13, 15, 17
2A0 – 2A3
Data inputs
18, 16, 14, 12
1Y0 – 1Y3
Data outputs
9, 7, 5, 3
2Y0 – 2Y3
Data outputs
1, 19
1OE, 2OE
Output enables
10
GND
Ground (0V)
20
VCC
Positive supply voltage


Podobny numer części - 74LVT2244_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVT2244D PHILIPS-74LVT2244D Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT2244D NEXPERIA-74LVT2244D Datasheet
231Kb / 13P
   3.3 V octal buffer/line driver with 30 Ω termination resistors; 3-state
Rev. 4 - 17 May 2021
logo
NXP Semiconductors
74LVT2244DB PHILIPS-74LVT2244DB Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
logo
National Semiconductor ...
74LVT2244MSA NSC-74LVT2244MSA Datasheet
149Kb / 8P
   3.3V ABT Octal Buffer/Line Driver with TRI-STATE Outputs
74LVT2244MSAX NSC-74LVT2244MSAX Datasheet
149Kb / 8P
   3.3V ABT Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Podobny opis - 74LVT2244_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
   3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74LVT2241 PHILIPS-74LVT2241_15 Datasheet
61Kb / 5P
   3.3V Octal buffer/line driver with 30 series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ALVT162827_2 PHILIPS-74ALVT162827_2_15 Datasheet
100Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30W termination resistors (3-State)
1998 Feb 13
74LVT241 PHILIPS-74LVT241 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Feb 19
74LVT244B PHILIPS-74LVT244B Datasheet
91Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Nov
74LVT244A PHILIPS-74LVT244A Datasheet
89Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Feb 19
74LVTH244A PHILIPS-74LVTH244A Datasheet
101Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Oct 02
logo
Nexperia B.V. All right...
74LVT2244 NEXPERIA-74LVT2244 Datasheet
231Kb / 13P
   3.3 V octal buffer/line driver with 30 Ω termination resistors; 3-state
Rev. 4 - 17 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com