Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVT16652A Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74LVT16652A
Szczegółowy opis  3.3 V 16-bit bus transceiver/register; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16652A Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74LVT16652A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 9Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 10Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 11Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 12Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9397 750 14402
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 12 January 2005
9 of 21
Philips Semiconductors
74LVT16652A
3.3 V 16-bit bus transceiver/register; 3-state
8.
Limiting values
[1]
The performance capability of a high-performance integrated circuit in conjunction with its thermal
environment can create junction temperatures which are detrimental to reliability.
[2]
The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings
are observed.
9.
Recommended operating conditions
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
GND (ground=0V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
DC supply voltage
−0.5
+4.6
V
IIK
DC input diode
current
VI < 0 V
−50
-
mA
VI
DC input voltage
[2]
−0.5
+7.0
V
IOK
DC output diode
current
VO < 0 V
−50
-
mA
VO
DC output voltage
output in OFF or
HIGH-state
[2]
−0.5
+7.0
V
IO
DC output current
output in LOW-state
-
128
mA
output in HIGH-state
−64
-
mA
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
[1] -
150
°C
Table 6:
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.7
-
3.6
V
VI
input voltage
0
-
5.5
V
VIH
HIGH-level input voltage
2.0
-
-
V
VIL
LOW-level input voltage
-
-
0.8
V
IOH
HIGH-level output
current
--
−32
mA
IOL
LOW-level output current
-
-
32
mA
duty cycle
≤ 50 %;
f
≥ 1 kHz
--64
mA
∆t/∆V
input transition rise or fall
rate
outputs enabled
-
-
10
ns/V
Tamb
ambient temperature
−40
-
+85
°C


Podobny numer części - 74LVT16652A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LVT16652ADGG NEXPERIA-74LVT16652ADGG Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
74LVT16652ADL NEXPERIA-74LVT16652ADL Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
More results

Podobny opis - 74LVT16652A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
logo
NXP Semiconductors
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
NXP Semiconductors
74ABT16646 PHILIPS-74ABT16646 Datasheet
94Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Feb 27
74ALVCH16646 PHILIPS-74ALVCH16646 Datasheet
92Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Sep 03
logo
Nexperia B.V. All right...
74ALVCH16646 NEXPERIA-74ALVCH16646 Datasheet
250Kb / 17P
   16-bit bus transceiver/register; 3-state
Rev. 3 - 11 September 2018
logo
NXP Semiconductors
74ALVCH16646 PHILIPS-74ALVCH16646_15 Datasheet
96Kb / 12P
   16-bit bus transceiver/register (3-State)
1998 Sep 03
logo
Texas Instruments
SN74LVTH16652-EP TI1-SN74LVTH16652-EP Datasheet
343Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com