Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVTH32245 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74LVTH32245
Szczegółowy opis  3.3 V 32-bit bus transceiver; 3-state
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVTH32245 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74LVTH32245_15 Datasheet HTML 2Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 3Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 4Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 5Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 6Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 7Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 8Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 9Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
74LVTH32245_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 23 January 2008
6 of 13
NXP Semiconductors
74LVTH32245
3.3 V 32-bit bus transceiver; 3-state
[1]
All typical values are at VCC = 3.3 V and Tamb = 25 °C unless otherwise specified.
[2]
Unused pins at VCC or GND.
[3]
This is the bus-hold overdrive current required to force the input to the opposite logic state.
[4]
This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 ms. From VCC =1.2 VtoVCC = 3.3 V ± 0.3 V
a transition time of 100
µs is permitted. This parameter is valid for T
amb = 25 °C only.
[5]
ICC is measured with outputs pulled to VCC or GND.
[6]
This is the increase in supply current for each input at the specified voltage level other than VCC or GND.
10. Dynamic characteristics
IBHL
bus hold LOW current
VCC = 3 V; VI = 0.8 V
75
135
-
µA
IBHH
bus hold HIGH current
VCC = 3 V; VI = 2.0 V
-
−135
−75
µA
IBHLO
bus hold LOW overdrive
current
VCC = 0 V to 3.6 V; VI = 3.6 V
[3] 500
-
-
µA
IBHHO
bus hold HIGH overdrive
current
VCC = 0 V to 3.6 V; VI = 3.6 V
[3] --
−500
µA
ICC
supply current
VCC = 3.6 V; VI = GND or VCC;IO =0A
outputs HIGH
-
0.14
0.24
mA
outputs LOW
-
8.4
12
mA
outputs disabled
[5] -
0.14
0.24
mA
∆ICC
additional supply current
per input pin; VCC = 3 V to 3.6 V;
one input at VCC − 0.6 V; other inputs
at VCC or GND
[6] -
0.1
0.2
mA
CI
input capacitance
control pins; VO = 0 V or 3.0 V
-
3
-
pF
CI/O
input/output capacitance
input/output data pins; outputs
disabled; VCC = 3.6 V; IO = 0 A;
VI = GND or VCC
-9
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for load circuit see Figure 7.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Tamb = −40 °C to +85 °C
tPLH
LOW to HIGH propagation delay
nAn to nBn or nBn to nAn; see Figure 5
VCC = 2.7 V
-
-
3.5
ns
VCC = 3.0 V to 3.6 V
1.0
1.9
3.3
ns
tPHL
HIGH to LOW propagation delay
nAn to nBn or nBn to nAn; see Figure 5
VCC = 2.7 V
-
-
3.5
ns
VCC = 3.0 V to 3.6 V
1.0
1.7
3.3
ns
tPZH
OFF-state to HIGH propagation
delay
nOE to nAn or nBn; see Figure 6
VCC = 2.7 V
-
-
5.3
ns
VCC = 3.0 V to 3.6 V
1.0
2.8
4.5
ns


Podobny numer części - 74LVTH32245_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVTH32245EC NXP-74LVTH32245EC Datasheet
92Kb / 13P
   3.3 V 32-bit bus transceiver; 3-state
Rev. 01-23 January 2008
logo
Fairchild Semiconductor
74LVTH32245G FAIRCHILD-74LVTH32245G Datasheet
66Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs
More results

Podobny opis - 74LVTH32245_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVTH32245 NXP-74LVTH32245 Datasheet
92Kb / 13P
   3.3 V 32-bit bus transceiver; 3-state
Rev. 01-23 January 2008
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
logo
NXP Semiconductors
74LVT16500A PHILIPS-74LVT16500A_15 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
74LVT16500A PHILIPS-74LVT16500A_06 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
logo
Nexperia B.V. All right...
74LVT16500A NEXPERIA-74LVT16500A Datasheet
230Kb / 20P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03 - 29 May 2006
logo
NXP Semiconductors
74LVTH322245 PHILIPS-74LVTH322245_15 Datasheet
98Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
74LVTH322245 NXP-74LVTH322245 Datasheet
90Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com