Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVTH32245 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74LVTH32245
Szczegółowy opis  3.3 V 32-bit bus transceiver; 3-state
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVTH32245 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74LVTH32245_15 Datasheet HTML 1Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 2Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 3Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 4Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 5Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 6Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 7Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 8Page - NXP Semiconductors 74LVTH32245_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
74LVTH32245_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 23 January 2008
2 of 13
NXP Semiconductors
74LVTH32245
3.3 V 32-bit bus transceiver; 3-state
4.
Functional diagram
Fig 1.
Logic symbol
A5
A3
1DIR
A2
A4
1B0
1B1
1B2
1B3
1B4
1B5
1B6
1B7
A6
A1
B5
B2
B6
B1
C5
C2
C6
C1
D5
D2
D6
1A0
1A1
1A2
1A3
1A4
1A5
1A6
1A7
D1
1OE
E5
H3
2DIR
E2
H4
2B0
2B1
2B2
2B3
2B4
2B5
2B6
2B7
E6
E1
F5
F2
F6
F1
G5
G2
G6
G1
H6
H1
H5
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
H2
2OE
J5
J3
3DIR
J2
J4
3B0
3B1
3B2
3B3
3B4
3B5
3B6
3B7
J6
J1
K5
K2
K6
K1
L5
L2
L6
L1
M5
M2
M6
3A0
3A1
3A2
3A3
3A4
3A5
3A6
3A7
M1
3OE
N5
T3
4DIR
N2
T4
4B0
4B1
4B2
4B3
4B4
4B5
4B6
4B7
N6
N1
P5
P2
P6
P1
R5
R2
R6
R1
T6
T1
T5
4A0
4A1
4A2
4A3
4A4
4A5
4A6
4A7
T2
4OE
mna476


Podobny numer części - 74LVTH32245_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVTH32245EC NXP-74LVTH32245EC Datasheet
92Kb / 13P
   3.3 V 32-bit bus transceiver; 3-state
Rev. 01-23 January 2008
logo
Fairchild Semiconductor
74LVTH32245G FAIRCHILD-74LVTH32245G Datasheet
66Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs
More results

Podobny opis - 74LVTH32245_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVTH32245 NXP-74LVTH32245 Datasheet
92Kb / 13P
   3.3 V 32-bit bus transceiver; 3-state
Rev. 01-23 January 2008
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
logo
NXP Semiconductors
74LVT16500A PHILIPS-74LVT16500A_15 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
74LVT16500A PHILIPS-74LVT16500A_06 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
logo
Nexperia B.V. All right...
74LVT16500A NEXPERIA-74LVT16500A Datasheet
230Kb / 20P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03 - 29 May 2006
logo
NXP Semiconductors
74LVTH322245 PHILIPS-74LVTH322245_15 Datasheet
98Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
74LVTH322245 NXP-74LVTH322245 Datasheet
90Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com