Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVTH322245 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74LVTH322245
Szczegółowy opis  3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVTH322245 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button 74LVTH322245_15 Datasheet HTML 4Page - NXP Semiconductors 74LVTH322245_15 Datasheet HTML 5Page - NXP Semiconductors 74LVTH322245_15 Datasheet HTML 6Page - NXP Semiconductors 74LVTH322245_15 Datasheet HTML 7Page - NXP Semiconductors 74LVTH322245_15 Datasheet HTML 8Page - NXP Semiconductors 74LVTH322245_15 Datasheet HTML 9Page - NXP Semiconductors 74LVTH322245_15 Datasheet HTML 10Page - NXP Semiconductors 74LVTH322245_15 Datasheet HTML 11Page - NXP Semiconductors 74LVTH322245_15 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
74LVTH322245_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 24 January 2007
8 of 12
NXP Semiconductors
74LVTH322245
3.3 V 32-bit bus transceiver with 30
Ω termination resistors; 3-state
Test data is given in Table 9.
Definitions test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 7.
Load circuitry for switching times
VEXT
VCC
VI
VO
001aae235
DUT
CL
RT
RL
RL
PULSE
GENERATOR
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
Table 9.
Test data
Input
Load
VEXT
VI
fi
tW
tr, tf
RL
CL
tPHZ, tPZH
tPLZ, tPZL
tPLH, tPHL
2.7 V
≤ 10 MHz
500 ns
≤ 2.5 ns
500
50 pF
GND
6 V
open


Podobny numer części - 74LVTH322245_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVTH322245EC NXP-74LVTH322245EC Datasheet
90Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
logo
Fairchild Semiconductor
74LVTH322245G FAIRCHILD-74LVTH322245G Datasheet
67Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25??Series Resistors in A Port Outputs
More results

Podobny opis - 74LVTH322245_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVTH322245 NXP-74LVTH322245 Datasheet
90Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
74LVT_LVTH2245 PHILIPS-74LVT_LVTH2245_15 Datasheet
99Kb / 15P
   3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
74LVT2245 NXP-74LVT2245_06 Datasheet
99Kb / 15P
   3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
logo
Nexperia B.V. All right...
74LVT162245B NEXPERIA-74LVT162245B Datasheet
223Kb / 11P
   3.3 V 16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 6 August 2021
logo
NXP Semiconductors
74LVTH32245 NXP-74LVTH32245 Datasheet
92Kb / 13P
   3.3 V 32-bit bus transceiver; 3-state
Rev. 01-23 January 2008
74LVTH32245 PHILIPS-74LVTH32245_15 Datasheet
100Kb / 13P
   3.3 V 32-bit bus transceiver; 3-state
Rev. 01-23 January 2008
logo
Nexperia B.V. All right...
74LVTH2245 NEXPERIA-74LVTH2245 Datasheet
237Kb / 12P
   3.3 V octal transceiver with 30 Ω termination resistors; 3-state
Rev. 7 - 17 August 2021
logo
NXP Semiconductors
74LVCH322245A PHILIPS-74LVCH322245A_15 Datasheet
119Kb / 15P
   32-bit bus transceiver with direction pin; 30 ??series termination resistors; 5 V tolerant; 3-state
Rev. 4-20 December 2011
74LVC322245A PHILIPS-74LVC322245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 30 ohm series termination resistors; 5 V tolerant; 3-state
1999 Sep 01
logo
Nexperia B.V. All right...
74ABT162245A NEXPERIA-74ABT162245A Datasheet
227Kb / 13P
   16-bit bus transceiver with 30 Ω series termination resistors; 3-state
Rev. 5 - 2 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com