Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVTN16244B Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74LVTN16244B
Szczegółowy opis  3.3 V 16-bit buffer/driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVTN16244B Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74LVTN16244B_15 Datasheet HTML 1Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 2Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 3Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 4Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 5Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 6Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 7Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 8Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74LVTN16244B is a high-performance BiCMOS product designed for VCC operation
at 3.3 V.
This device is a 16-bit buffer and line driver featuring non-inverting 3-state bus outputs.
The device can be used as four 4-bit buffers, two 8-bit buffers, or one 16-bit buffer.
2.
Features and benefits
16-bit bus interface
3-state buffers
Output capability: +64 mA and
32 mA
TTL input and output switching levels
Input and output interface capability to systems at 5 V supply
Power-up 3-state
Live insertion and extraction permitted
No bus current loading when output is tied to 5 V bus
Latch-up protection
JESD78B Class II exceeds 500 mA
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
3.
Ordering information
74LVTN16244B
3.3 V 16-bit buffer/driver; 3-state
Rev. 5 — 2 April 2012
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVTN16244BDGG
40 C to +85 C
TSSOP48
plastic thin shrink small outline package;
48 leads; body width 6.1 mm
SOT362-1
74LVTN16244BBX
40 Cto+125 C
HXQFN60
plastic compatible thermal enhanced extremely
thin quad flat package; no leads; 60 terminals;
body 4
 6  0.5 mm
SOT1134-2


Podobny numer części - 74LVTN16244B_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVTN16244B NXP-74LVTN16244B_10 Datasheet
147Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 02-23 March 2010
More results

Podobny opis - 74LVTN16244B_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
logo
Nexperia B.V. All right...
74LVTN16244B NEXPERIA-74LVTN16244B Datasheet
201Kb / 11P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 6 - 4 October 2018
logo
NXP Semiconductors
74LVT16244B NXP-74LVT16244B_10 Datasheet
178Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 08-22 March 2010
logo
Nexperia B.V. All right...
74LVTH16244B NEXPERIA-74LVTH16244B Datasheet
218Kb / 12P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 13 - 12 August 2021
logo
NXP Semiconductors
74LVT_LVTH16244B PHILIPS-74LVT_LVTH16244B_15 Datasheet
258Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 11-1 March 2012
74LVT16244B PHILIPS-74LVT16244B_06 Datasheet
98Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
74LVTN16244B NXP-74LVTN16244B Datasheet
94Kb / 15P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 01-13 July 2009
74LVTN16244B NXP-74LVTN16244B_10 Datasheet
147Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 02-23 March 2010
logo
Nexperia B.V. All right...
74LVT16240A NEXPERIA-74LVT16240A Datasheet
208Kb / 12P
   3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74ALVC_ALVCH16244 PHILIPS-74ALVC_ALVCH16244_15 Datasheet
91Kb / 20P
   2.5 V/3.3 V 16-bit buffer/line driver (3-state)
2003 May 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com