Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC139 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74LVC139
Szczegółowy opis  Dual 2-to-4 line decoder/demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC139 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC139_15 Datasheet HTML 2Page - NXP Semiconductors 74LVC139_15 Datasheet HTML 3Page - NXP Semiconductors 74LVC139_15 Datasheet HTML 4Page - NXP Semiconductors 74LVC139_15 Datasheet HTML 5Page - NXP Semiconductors 74LVC139_15 Datasheet HTML 6Page - NXP Semiconductors 74LVC139_15 Datasheet HTML 7Page - NXP Semiconductors 74LVC139_15 Datasheet HTML 8Page - NXP Semiconductors 74LVC139_15 Datasheet HTML 9Page - NXP Semiconductors 74LVC139_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
74LVC139
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 19 October 2011
6 of 16
NXP Semiconductors
74LVC139
Dual 2-to-4 line decoder/demultiplexer
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 C.
10. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 C and VCC = 1.2 V, 1.8 V, 2.5 V, 2.7 V, and 3.3 V respectively.
[2]
tpd is the same as tPLH and tPHL.
[3]
Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
[4]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in V
N = number of inputs switching,
ICC
supply
current
VCC = 3.6 V; VI =VCC or GND;
IO =0A
-0.1
10
-40
A
I
CC
additional
supply
current
per input pin ;
VCC = 2.7 V to 3.6 V;
VI =VCC  0.6 V; IO =0A
-
5
500
-
5000
A
CI
input
capacitance
VCC = 0 V to 3.6 V;
VI =GND to VCC
-
5.0
--
-pF
Table 6.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 8.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
nAn to Yn; see Figure 6
[2]
VCC = 1.2 V
-
14
-
-
-
ns
VCC = 1.65 V to 1.95 V
0.5
4.7
10.4
0.5
11.3
ns
VCC = 2.3 V to 2.7 V
1.0
2.8
5.9
1.0
6.5
ns
VCC = 2.7 V
1.0
3.0
6.3
1.0
8.0
ns
VCC = 3.0 V to 3.6 V
1.0
2.5
5.3
1.0
7.0
ns
nE to Yn; see Figure 7
[2]
VCC = 1.2 V
-
14
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.5
4.5
9.8
1.5
10.7
ns
VCC = 2.3 V to 2.7 V
2.1
2.7
5.6
2.1
6.1
ns
VCC = 2.7 V
1.0
2.8
5.4
1.0
7.0
ns
VCC = 3.0 V to 3.6 V
1.0
2.4
5.0
1.0
6.5
ns
tsk(o)
output skew time
VCC = 3.0 V to 3.6 V
[3]
-
-
1.0
-
1.5
ns
CPD
power dissipation
capacitance
VI = GND to VCC
[4]
VCC = 1.65 V to 1.95 V
-
5.6
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
11.3
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
16.4
-
-
-
pF


Podobny numer części - 74LVC139_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LVC139BQ NEXPERIA-74LVC139BQ Datasheet
252Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 6 - 24 September 2021
logo
NXP Semiconductors
74LVC139D PHILIPS-74LVC139D Datasheet
93Kb / 10P
   Dual 2-to-4 line decoder/demultiplexer
1998 Apr 28
logo
Nexperia B.V. All right...
74LVC139D NEXPERIA-74LVC139D Datasheet
252Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 6 - 24 September 2021
logo
NXP Semiconductors
74LVC139DB PHILIPS-74LVC139DB Datasheet
93Kb / 10P
   Dual 2-to-4 line decoder/demultiplexer
1998 Apr 28
74LVC139PW PHILIPS-74LVC139PW Datasheet
93Kb / 10P
   Dual 2-to-4 line decoder/demultiplexer
1998 Apr 28
More results

Podobny opis - 74LVC139_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
logo
Texas Instruments
CD74AC139 TI-CD74AC139 Datasheet
31Kb / 7P
[Old version datasheet]   Dual 2-to-4-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74HC139-Q100 NEXPERIA-74HC139-Q100 Datasheet
762Kb / 18P
   Dual 2-to-4 line decoder/demultiplexer
74HCT139 NEXPERIA-74HCT139 Datasheet
243Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5 - 14 January 2021
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74AHC139-Q100 NEXPERIA-74AHC139-Q100 Datasheet
696Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
74LVC139 NEXPERIA-74LVC139 Datasheet
252Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 6 - 24 September 2021
74HCT139-Q100 NEXPERIA-74HCT139-Q100 Datasheet
242Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 2 - 14 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com