Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRFE130 Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRFE130
Szczegółowy opis  Simple Drive Requirements
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRFE130 Arkusz danych(HTML) 1 Page - International Rectifier

  IRFE130_15 Datasheet HTML 1Page - International Rectifier IRFE130_15 Datasheet HTML 2Page - International Rectifier IRFE130_15 Datasheet HTML 3Page - International Rectifier IRFE130_15 Datasheet HTML 4Page - International Rectifier IRFE130_15 Datasheet HTML 5Page - International Rectifier IRFE130_15 Datasheet HTML 6Page - International Rectifier IRFE130_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
8.0
ID @ VGS = 10V, TC = 100°C
Continuous Drain Current
5.0
IDM
Pulsed Drain Current ➀
32
PD @ TC = 25°C
Max. Power Dissipation
2 5
W
Linear Derating Factor
0.17
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
134
mJ
IAR
Avalanche Current ➀
-A
EAR
Repetitive Avalanche Energy ➀
-mJ
dv/dt
Peak Diode Recovery dv/dt ➂
8.3
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Pckg. Mounting Surface Temp.
300 (for 5 S)
Weight
0.42(typical)
g
PD - 91666B
The leadless chip carrier (LCC) package represents the
logical next step in the continual evolution of surface
mount technology. Desinged to be a close replacement
for the TO-39 package, the LCC will give designers the
extra flexibility they need to increase circuit board den-
sity. International Rectifier has engineered the LCC pack-
age to meet the specific needs of the power market by
increasing the size of the bottom source pad, thereby
enhancing the thermal and electrical performance. The
lid of the package is grounded to the source to reduce
RF interference.
o C
A
1/17/01
www.irf.com
1
LCC-18
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRFE130
100V
0.18
8.0A
Features:
!
Surface Mount
!
Small Footprint
!
Alternative to TO-39 Package
!
Hermetically Sealed
!
Dynamic dv/dt Rating
!
Avalanche Energy Rating
!
Simple Drive Requirements
!
Light Weight
For footnotes refer to the last page
REPETITIVEAVALANCHEANDdv/dtRATED
JANTX2N6796U
HEXFET
TRANSISTORS
JANTXV2N6796U
SURFACE MOUNT (LCC-18)
[REF:MIL-PRF-19500/557]
IRFE130
100V, N-CHANNEL


Podobny numer części - IRFE130_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
IRFE130 SEME-LAB-IRFE130 Datasheet
17Kb / 2P
   N-CHANNEL POWER MOSFET
logo
International Rectifier
IRFE130 IRF-IRFE130 Datasheet
201Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
More results

Podobny opis - IRFE130_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com