Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM3E Arkusz danych(PDF) 3 Page - Connor-Winfield Corporation

Numer części SM3E
Szczegółowy opis  ULTRA MINIATURE STRATUM 3E MODULE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CONNOR-WINFIELD [Connor-Winfield Corporation]
Strona internetowa  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM3E Arkusz danych(HTML) 3 Page - Connor-Winfield Corporation

  SM3E_15 Datasheet HTML 1Page - Connor-Winfield Corporation SM3E_15 Datasheet HTML 2Page - Connor-Winfield Corporation SM3E_15 Datasheet HTML 3Page - Connor-Winfield Corporation SM3E_15 Datasheet HTML 4Page - Connor-Winfield Corporation SM3E_15 Datasheet HTML 5Page - Connor-Winfield Corporation SM3E_15 Datasheet HTML 6Page - Connor-Winfield Corporation SM3E_15 Datasheet HTML 7Page - Connor-Winfield Corporation SM3E_15 Datasheet HTML 8Page - Connor-Winfield Corporation SM3E_15 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
SM3E Data Sheet #:
TM054
Page 3 of 36 Rev: 04 Date: 01/26/11
© Copyright 2011 The Connor-Winfield Corp. All Rights Reserved
Specifications subject to change without notice
Specifications for Ultra Miniature Stratum 3E
Table 1
Parameter
Specification
Voltage
3.3V±5%
Power
3WMaximumduringstartup,1.5WTypical@roomtemperature
ReferenceFrequency1-8
8kHz-77.76MHz(Determinedbycustomer’sapplication)
CMOSOutputFrequency#1
8kHz-77.76MHz
M/S_Out
8kHz
BITS_Clk
1.544/2.048MHz(Selectable)
Master/SlaveI/O
8kHz
InputReferencePulseWidth
10nsMin@8kHz,5nsMin@>8kHz
FreeRunAccuracy
4.6ppm
HoldOverAccuracy
0.001ppm
HoldOverStability
0.012ppmforthefirst24hours
Dimensions
2.05x1.25x0.75inches(52.07x31.75x19.05mm)
Pin Description
Table 2
Pin#
I/O
PinName
PinDescription
1
O
LOS
AlarmOutput-LossofActiveReferenceSignal
2
O
LOL
AlarmOutput-LossofLock
3
I
M/SREF
Master/SlaveReferenceInput
4
I
REF1
ReferenceInput1–8kHzto77.76MHzautodetected
5
I
REF2
ReferenceInput2–8kHzto77.76MHzautodetected
6
I
REF3
ReferenceInput3–8kHzto77.76MHzautodetected
7
I
REF4
ReferenceInput4–8kHzto77.76MHzautodetected
8
TDI
JTAGTDIpin
9
TMS
JTAGTMSpin
10
TRST
JTAGTRSTpin
11
O
BITS_CLK
1.544or2.048MHzoutputselectedbypin14
12
O
M/S_OUT
Master/Slave8kHzoutput
13
O
OUTPUT1
SynchronousPrimaryOutput
14
VPP
PositiveProgrammingSupplyPin.Duringnormaloperation,itis
recommendedtofloatthispin.
15
I
REF5
ReferenceInput5–8kHzto77.76MHzautodetected
16
I
REF6
ReferenceInput6–8kHzto77.76MHzautodetected
17
I
REF8
ReferenceInput8–8kHzto77.76MHzautodetected
18
I
REF7
ReferenceInput7–8kHzto77.76MHzautodetected
19
VPN
NegativeProgrammingSupplyPin.Duringnormaloperation,itis
recommendedtofloatthispin.
20
I
T1/E1
BITS_CLKselectinput–1=1.544MHz,0=2.-48MHz,4.7kOhmPull-up
21
O
HOLD_GOOD
HoldoverGoodOutputFlag–1=HoldoverAvailable
22
TDO
JTAGTDOpin
23
TCK
JTAGTCKpin
24
GND
ModuleGround
25
I
SPI_CLK
SPIPortClockinput
26
I
SPI_IN
SPIPortDatainput
27
VCC
3.3VdcVCCSupplyInput
28
I
SPI_ENBL
SPIPortEnableinput–ActiveLow,4.7kOhmPull-up
29
I
RESET
ModuleReset–ActiveLow,4.7kOhmPull-up
30
O
SPI_OUT
SPIPortDataOutput
31
O
SPI_INT
SPIPortInterruptOutput
32
I
MASTERSELECT
Master/Slaveselectinput–1=Master,0=Slave


Podobny numer części - SM3E_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Connor-Winfield Corpora...
SM3E-012.96M CONNOR-WINFIELD-SM3E-012.96M Datasheet
389Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
SM3E-019.44M CONNOR-WINFIELD-SM3E-019.44M Datasheet
389Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
SM3E-025.92M CONNOR-WINFIELD-SM3E-025.92M Datasheet
389Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
SM3E-038.88M CONNOR-WINFIELD-SM3E-038.88M Datasheet
389Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
SM3E-051.84M CONNOR-WINFIELD-SM3E-051.84M Datasheet
389Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
More results

Podobny opis - SM3E_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Connor-Winfield Corpora...
SM3E CONNOR-WINFIELD-SM3E Datasheet
389Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
logo
List of Unclassifed Man...
STM-S3E ETC1-STM-S3E Datasheet
837Kb / 16P
   Stratum 3E Timing Module
logo
Connor-Winfield Corpora...
STL-S3E CONNOR-WINFIELD-STL-S3E Datasheet
975Kb / 24P
   Stratum 3E Timing Module
STM-S3E CONNOR-WINFIELD-STM-S3E Datasheet
835Kb / 16P
   Stratum 3E Timing Module
SM3G CONNOR-WINFIELD-SM3G Datasheet
1Mb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
logo
Vectron International, ...
C4550 VECTRON-C4550_11 Datasheet
52Kb / 2P
   Stratum 3E
logo
Connor-Winfield Corpora...
SM3 CONNOR-WINFIELD-SM3 Datasheet
406Kb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3-ITG CONNOR-WINFIELD-SM3-ITG Datasheet
667Kb / 32P
   ULTRA MINIATURE STRATUM 3 MODULE
logo
Advanced XTAL Products
AXIOM30S AXTAL-AXIOM30S Datasheet
245Kb / 2P
   OCXO Miniature size with Stratum 3E stability
logo
Connor-Winfield Corpora...
ABOF5S3E CONNOR-WINFIELD-ABOF5S3E Datasheet
188Kb / 2P
   STRATUM 3E HCMOS OCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com