Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STC3800 Arkusz danych(PDF) 8 Page - Connor-Winfield Corporation

Numer części STC3800
Szczegółowy opis  INTEGRATED - STRATUM 3E TIMING SOURCE
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CONNOR-WINFIELD [Connor-Winfield Corporation]
Strona internetowa  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC3800 Arkusz danych(HTML) 8 Page - Connor-Winfield Corporation

Back Button STC3800_15 Datasheet HTML 4Page - Connor-Winfield Corporation STC3800_15 Datasheet HTML 5Page - Connor-Winfield Corporation STC3800_15 Datasheet HTML 6Page - Connor-Winfield Corporation STC3800_15 Datasheet HTML 7Page - Connor-Winfield Corporation STC3800_15 Datasheet HTML 8Page - Connor-Winfield Corporation STC3800_15 Datasheet HTML 9Page - Connor-Winfield Corporation STC3800_15 Datasheet HTML 10Page - Connor-Winfield Corporation STC3800_15 Datasheet HTML 11Page - Connor-Winfield Corporation STC3800_15 Datasheet HTML 12Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
Preliminary Data Sheet #: TM061
Page 8 of 48
Rev: P06
Date: 11/22/04
© Copyright 2001 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
The STC3800 is a single chip synchronization and timing solution for the Stratum 3 and 3E Synchronous
Equipment Timing Source (SETS) function in network elements. Its highly integrated design includes
hardware and firmware to implement all of the necessary reference selection, monitoring, digital filtering,
synthesis, and control functions. An external OCXO/TCXO, DAC, and VCXO (and optional EEPROM)
complete a system level solution (see Functional Block Diagram).
Up to 8 external references, each from 8 kHz to 77.76 MHz, may be equipped and monitored for signal
presence and frequency offset. Additionally, a cross-couple reference input, accepting from 8 kHz to
77.76 MHz, is provided for master/slave operation. Reference selection may be manual or automatic,
according to programmed priorities. All reference switches are performed in a hitless manner, and
frequency ramp controls ensure smooth output signal transitions. When references are switched, the
device provides a controllable phase build-out to minimize phase transitions in the output clocks.
Three phase aligned output signals are provided, the first up to 155.52 MHz (determined by VCXO
selection), the second fixed at 8 kHz for use as a frame signal. Both of these may also be used as a
cross-couple reference for master/slave operation. In slave mode, the output phase may be adjusted from
-32 to +31.75nS relative to the master, to accommodate downstream system needs, such as different
clock distribution path lengths. The third phase aligned output is a 2 kHz multi-frame sync output. The
fourth output is a BITS clock, selectable as either 1.544 MHz or 2.048 MHz
Device operation may be in Free Run, synchronized, or Hold Over modes. In Free Run, the clock outputs
are simply determined by the accuracy of the digital calibrated OCXO/TCXO. In synchronized mode, the
chip phase locks to the selected input reference. While synchronized, a frequency history is accumulated.
In Hold Over mode, the chip outputs are synthesized according to this history.
The Digital Phase Locked Loop which provides the critical filtering and frequency/phase control functions
is implemented with Connor-Winfield’s NOVA Kernel - a set of well-proven algorithms and control that
meet or exceed all requirements and lead the industry in critical jitter and accuracy performance
parameters. Filter bandwidth may be configured for Stratum 3 or 3E.
Control functions are provided either via direct hardware signals or standard SPI or 8-bit parallel bus
register interfaces. Direct hardware control provides a very simple system interface, while bus/register
access provides greater visibility into a variety of registered information as well as providing more
extensive programmable control capability.
Detailed Description


Podobny numer części - STC3800_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Connor-Winfield Corpora...
STC3800 CONNOR-WINFIELD-STC3800 Datasheet
523Kb / 48P
   INTEGRATED - STRATUM 3E TIMING SOURCE
More results

Podobny opis - STC3800_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Connor-Winfield Corpora...
STC3800 CONNOR-WINFIELD-STC3800 Datasheet
523Kb / 48P
   INTEGRATED - STRATUM 3E TIMING SOURCE
logo
List of Unclassifed Man...
STM-S3E ETC1-STM-S3E Datasheet
837Kb / 16P
   Stratum 3E Timing Module
logo
Semtech Corporation
ACS8530 SEMTECH-ACS8530 Datasheet
1Mb / 152P
   Synchronous Equipment Timing Source for Stratum 2/3E Systems
logo
Connor-Winfield Corpora...
STL-S3E CONNOR-WINFIELD-STL-S3E Datasheet
975Kb / 24P
   Stratum 3E Timing Module
STM-S3E CONNOR-WINFIELD-STM-S3E Datasheet
835Kb / 16P
   Stratum 3E Timing Module
STC3500 CONNOR-WINFIELD-STC3500 Datasheet
513Kb / 48P
   INTEGRATED - STRATUM 3 TIMING SOURCE
logo
Maxim Integrated Produc...
DS3100 MAXIM-DS3100 Datasheet
1Mb / 226P
   Stratum 3/3E Timing Card IC
REV: 060607
logo
Dallas Semiconductor
DS3101 DALLAS-DS3101 Datasheet
1Mb / 149P
   Stratum 3/3E Timing Card IC
logo
Maxim Integrated Produc...
DS3101 MAXIM-DS3101 Datasheet
670Kb / 150P
   Stratum 2/3E/3 Timing Card IC
Rev 4; 5/09
DS3100 MAXIM-DS3100_09 Datasheet
1Mb / 227P
   Stratum 2/3E/3 Timing Card IC
Rev 9; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com