Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STC5428 Arkusz danych(PDF) 1 Page - Connor-Winfield Corporation

Numer części STC5428
Szczegółowy opis  Synchronous Clock for SETS
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CONNOR-WINFIELD [Connor-Winfield Corporation]
Strona internetowa  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5428 Arkusz danych(HTML) 1 Page - Connor-Winfield Corporation

  STC5428 Datasheet HTML 1Page - Connor-Winfield Corporation STC5428 Datasheet HTML 2Page - Connor-Winfield Corporation STC5428 Datasheet HTML 3Page - Connor-Winfield Corporation STC5428 Datasheet HTML 4Page - Connor-Winfield Corporation STC5428 Datasheet HTML 5Page - Connor-Winfield Corporation STC5428 Datasheet HTML 6Page - Connor-Winfield Corporation STC5428 Datasheet HTML 7Page - Connor-Winfield Corporation STC5428 Datasheet HTML 8Page - Connor-Winfield Corporation STC5428 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
Page 1 of 66
Tm126 Rev:0.2
Date: April 3, 201
4
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
. Not intended for life support applications
STC5428
Synchronous Clock for SETS
Functional Specification
DATASHEET
Preliminary
Description
The RoHS compliant STC5428 is a single chip clock syn-
chronization solution for applications in SDH/SETS,
SONET, and Synchronous Ethernet network elements. The
device is fully compliant with ITU-T G.813 option 1 and 2,
G.8262 EEC option 1 and 2, Telcordia GR1244 and GR253.
The STC5428 accepts 12 clock reference inputs and gener-
ates 10 synchronized clock outputs: CLK1~CLK8, frame
pulse clock CLK8K at 8kHz, and frame pulse clock CLK2K
at 2kHz. CLK1~CLK8 may be programmed for wide variety
of frequencies from 1MHz up to 156.25MHz, in 1kHz steps.
Reference inputs are individually monitored for activity and
quality. Reference selection may be automatic, manual, and
hard-wired manual.
Two independent timing generators, T0 and T4, may oper-
ate in the Freerun, Synchronized, Pseudo Holdover, and
Holdover mode. Each timing generator includes a DSP-
based PLL. Synchronized mode is an external timing mode
while freerun and holdover are self-timing modes. T0 sup-
ports master/slave and multiple master operation for redun-
dant design. T4 supports master operation only. DSP-based
PLL technology removes any external component except
the oscillator. It provides excellent performance and reliabil-
ity to STC5428.
The STC5428 is clocked by an external oscillator (TCXO or
OCXO). Using a well-chosen external oscillator ensures the
STC5428 meet the required specifications and standards.
Features
- Complies with ITU-T G.813 Opt1/Opt2, G.8262 EEC
Opt1/Opt2, Telcordia GR1244 and GR253 (Stratum3/4E/
4/SMC)
- Two timing generators T0 and T4; T4 may lock to T0’s
synchronized output
- Supports Master/Slave and Multiple-Master redundant
application (T0 timing generator only)
- Provides programmable compensation for phase delay
between master and slave unit, in 0.1ns steps
- Accepts external oscillator at frequency of 10MHz,
12.8MHz, 19.2MHz,or 20MHz with programming
- Accepts 12 clock reference inputs
- Supports frequency auto detection or manually accept-
able frequency for reference inputs. Each of them is
monitored for activity and quality
- Automatic/manual/hard-wired manual reference select
- Outputs 10 synchronized
clock outputs, including 2
frame pulse clocks CLK8K and CLK2K
- 10 clock synthesizers generate frequencies
- Programmable phase skew at synthesizer level
- Phase-align or hit-less reference locking/switching
- Programmable loop bandwidth, from 0.1Hz to 100Hz
- Supports SPI bus interface
- Single 3.3V operation
- IEEE 1149.1 JTAG boundary scan
- 68-pin QFN package
Figure 1:Functional Block Diagram
12
Synth
F
Frame8K
Frame2K
Composite
EX_SYNC
Master_Slave
T0 Timing
SPI Interface
CLK1, LVPECL/LVDS
CLK8K
CLK3
Ref
Monitor
CLK2K
10 LVCMOS
+
2 LVPECL/LVDS
OCXO
TCXO
Generator
T4 Timing
Generator
SRCSW
Synthesizer G1
Ref Clk
2
Synthesizer G2
Synthesizer G3
Synthesizer G4
Synthesizer G5
Synthesizer G6
Synthesizer G7
Synthesizer G8
Synthesizer GT4
CLK2, LVPECL/LVDS
CLK4
CLK5
CLK6
CLK7
CLK8


Podobny numer części - STC5428

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Connor-Winfield Corpora...
STC5420 CONNOR-WINFIELD-STC5420 Datasheet
2Mb / 70P
   Synchronous Clock for SETS
STC5423 CONNOR-WINFIELD-STC5423 Datasheet
1Mb / 60P
   Synchronous Clock for SETS
STC5425 CONNOR-WINFIELD-STC5425 Datasheet
790Kb / 48P
   Line Card Clock
More results

Podobny opis - STC5428

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Connor-Winfield Corpora...
STC5423 CONNOR-WINFIELD-STC5423 Datasheet
1Mb / 60P
   Synchronous Clock for SETS
STC4130 CONNOR-WINFIELD-STC4130 Datasheet
416Kb / 44P
   Synchronous Clock for SETS
STC5230 CONNOR-WINFIELD-STC5230 Datasheet
791Kb / 48P
   Synchronous Clock for SETS
STC5420 CONNOR-WINFIELD-STC5420 Datasheet
2Mb / 70P
   Synchronous Clock for SETS
STC5455 CONNOR-WINFIELD-STC5455 Datasheet
919Kb / 56P
   Synchronous Clock for SETS
logo
List of Unclassifed Man...
STC4130 ETC2-STC4130 Datasheet
416Kb / 44P
   Synchronous Clock for SETS
734200-1 ETC2-734200-1 Datasheet
51Kb / 1P
   HNADTOL FOR CHANGEABLE DIE SETS
logo
Renesas Technology Corp
8A34046 RENESAS-8A34046 Datasheet
2Mb / 101P
   SETS for SyncE and OTN
February 22, 2022
logo
List of Unclassifed Man...
SCG4501 ETC2-SCG4501 Datasheet
1Mb / 16P
   Synchronous Clock Generators
logo
Connor-Winfield Corpora...
SCG3050 CONNOR-WINFIELD-SCG3050 Datasheet
795Kb / 12P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com