Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UF157G Arkusz danych(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Numer części UF157G
Szczegółowy opis  Glass Passivated Ultra Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YENYO [YENYO TECHNOLOGY Co., Ltd]
Strona internetowa  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

UF157G Arkusz danych(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  UF157G Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd UF157G Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YENYO
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
DO-15
UF151G THRU UF157G
Voltage Range 50 to 1000 V
Current 1.5 Ampere
Glass Passivated Ultra Fast Recovery Rectifier
UF
151G
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
UF
152G
UF
153G
UF
154G
UF
155G
50
100
200
140
200
600
35
70
420
50
100
600
UF
156G
800
560
800
UF
157G
1000
700
1000
1.5
5.0
50
1.3
1.0
1.7
50
75
100
30
25
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oCW
nS
400
280
400
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TL=55
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 1.5 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Molded plastic DO-15
High surge current capability
Weight: 0.4 gram
Polarity:Color band denotes cathode
method 208 guranteed
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakge current
R JA
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Thermal Resistance junction to lead.
(3) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Epoxy: UL 94V-0 rate flame retardant
1 / 2
R1, MAY-12
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.034(.86)
.028(.71)
DIA.
.140(3.6)
.104(2.6)
DIA.
PARAMTER


Podobny numer części - UF157G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Frontier Electronics.
UF15-005G FRONTIER-UF15-005G Datasheet
128Kb / 2P
   1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF15-005G FRONTIER-UF15-005G Datasheet
128Kb / 2P
   1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF15-005G-LFR FRONTIER-UF15-005G-LFR Datasheet
128Kb / 2P
   1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF15-01G FRONTIER-UF15-01G Datasheet
128Kb / 2P
   1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF15-01G FRONTIER-UF15-01G Datasheet
128Kb / 2P
   1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
More results

Podobny opis - UF157G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comchip Technology
UF16C01C-G COMCHIP-UF16C01C-G Datasheet
46Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
UF4002E YENYO-UF4002E Datasheet
646Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF8A01 YENYO-UF8A01 Datasheet
950Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF16C01C YENYO-UF16C01C Datasheet
683Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF16C01CF YENYO-UF16C01CF Datasheet
671Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF20C01CF YENYO-UF20C01CF Datasheet
845Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF30P01 YENYO-UF30P01 Datasheet
674Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF501G YENYO-UF501G Datasheet
662Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
logo
Comchip Technology
UF20C01C-G COMCHIP-UF20C01C-G Datasheet
47Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF8A01F-G COMCHIP-UF8A01F-G Datasheet
46Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF16C01CF-G COMCHIP-UF16C01CF-G Datasheet
47Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com