Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMART-SERVER2 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części SMART-SERVER2
Szczegółowy opis  The Smart Way to Save Energy and Lower Operating Co
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SMART-SERVER2 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  SMART-SERVER2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART-SERVER2 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART-SERVER2 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART-SERVER2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.echelon.com
®
• Browsebuilt-inandcustomWeb
pageswithInternetExploreror
Firefox.
Hardware I/O
• 2opticallyisolateddigitalinputs.
• 2high-voltage,high-currentSPST
relayoutputs.
• 2S0impulsemeterinputsfor
supervisingelectric,gas,andwater
impulsemeters.
• Hardwareinputsandoutputsare
exposedasstandarddatapoints.
• Hardwareinputsandoutputscanbe
scaledandconvertedtoandfrom
appropriateunits.
• Hardwareoutputscanbetriggered
bynetworkevents.
IP-852 Routing
• ISO/IEC14908-4(IP-852)routing
includedwiththeProfessionaland
BEMEditions,andavailableasan
optionfortheStandardEdition.
• IP-852letsyouuseanyIPnetwork
asabackboneforaLONWORKS
network.
• IP-852channelcanincludeanLNS
TurboEditionServerandupto255
i.LONSmartServerswithIP-852
routing,i.LON600servers,third-
partyIP-852routers,andLNSTurbo
Editionclients.
• IP-852channelsupportsthousands
ofpacketspersecondforhigh-
performancemonitoringand
control.
Standards-based Protocols
• IPlocalandwideareanetworking
protocolsandInternetstandards
includeTCP,IPv4,IPv6,PPP,CHAP,
PAP,DHCP,DNS,FTP,ICMP,MD5,
SMTP,SNMP,SNTP,HTTP,HTTPS,
andSSL.
• AdditionalIPapplicationprotocols:
HTML,XML,SOAP,andDIME.
• DynamicIPaddressessupported
usingthedynamicDNSservicefrom
DynDNS.
• NATissupported.
• ISO/IEC14908-1ControlNetwork
Protocol.
• ISO/IEC14908-2FreeTopology
TwistedPair(FTversions).
• ISO/IEC14908-3PowerLine
(PLversions).
• ISO/IEC14908-4ControlNetwork
IPTunnelingProtocol(optional
IP-852routing).
Specifications
PC Requirements
Minimum Requirements for the
SmartServer 2.0
Pentium III @ 1.3GHz, 768MB RAM, DVD-
ROM drive, 100MB of free disk space.
Minimum Requirements for Echelon
Enterprise Services
Pentium IV @ 1.5GHz, 1GB RAM, DVD-ROM
drive, 270MB of free disk space.
Minimum Requirements for the
SmartServer Programming Tools
Pentium IV @ 1.5GHz, 1GB RAM, DVD-ROM
drive, 250MB of free disk space.
Operating Systems
Windows 7 (64-bit* and 32-bit versions),
Windows Vista (32-bit version), or
Windows XP; *Note: the SmartServer
products can be configured, monitored,
and controlled via Internet Explorer and
Firefox on the supported 64-bit and 32-
bit versions and of Windows, and can be
accessed as a remote network interface for
LNS applications and the LonMaker Turbo
Integration Tool running on both 64-bit and
32-bit Windows; the Echelon Enterprise
Services (EES) software can only be
installed and used on 32-bit versions of
Windows.
SmartServer Hardware
Processor
MIPS32™, 264MHz
Memory 64MB flash memory; 64MB RAM
(FT versions) or 128MB RAM (PL versions).
Channel Type
TP/FT-10 free topology twisted pair (FT
versions); PL-20N or PL-20C power line (PL
versions).
LonWorks Network Connector
Screw terminals.
Operating Input Voltage
100 - 240VAC (-6%/+10%), 50/60Hz.
Power Consumption
<15 watts.
Controls
Service button, Reset button.
Indicators
Power On/Wink; Ethernet link, Ethernet
activity, 10/100 Mbps; LONWORKS
Service, BIU (PL only), PKD (PL only),
Tx, Rx; 2 digital inputs; 2 relay outputs; 2
metering inputs; Remote Network Interface
connection status.
Ethernet Port
10/100BaseT, auto-selecting, auto polarity.
Ethernet Connector
RJ-45, 8 conductor.
Serial Ports
1 isolated RS-485 port; 1 EIA-232 port.
Serial Connectors
Screw terminals.
Modem
Optional V.90 internal analog modem
(FT version only).
Modem Connector
RJ-11, 6 conductor.
Supported External Modems
Cinterion MC75, Cinterion MC63i, ETM9300
1 3G, Janus Terminus GSM864Q, Multitech
MTCBA-G-F1, Siemens 35 to 45 Series,
Siemens MC55 3G, Siemens MC75 EDGE.
Console Port
EIA-232
Console Connector
DB-9
Digital Inputs
2 optically isolated dry contact inputs, 30V
AC/DC.
Digital Input Connector
Screw terminals.
Relay Outputs
2 SPST relays rated at 240VAC @ 10A or
24VDC @ 10A.
Relay Output Connector
Screw terminals.
Impulse Meter Inputs
DIN 43 864 (open terminal voltage ≤12VDC
max; max current ≤ 27mA).
Impulse Meter Input Connector
Screw terminals.
Operating Temperature
FT Versions: 0 to +50°C; PL Versions:
-40 to +60ºC
Non-operating Temperature
FT Versions: -40 to +85°C; PL Versions:
-40 to +85ºC
Operating Humidity (non-condensing)
FT Versions: 10 to 90% RH @ 50°C;
PL Versions: 10 to 90% RH @ 60ºC


Podobny numer części - SMART-SERVER2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Honeywell Solid State E...
SMART HONEYWELL-SMART Datasheet
510Kb / 4P
   smart position sensor,75 mm linear configuration
logo
List of Unclassifed Man...
SMART1000LCD ETC2-SMART1000LCD Datasheet
510Kb / 6P
   Smart LCD 1000VA Tower Line-Interactive 120V UPS with LCD display and USB port
logo
Tripp Lite. All Rights ...
SMART1000LCDTAA TRIPPLITE-SMART1000LCDTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro LCD 120V 1kVA 500W Line-Interactive UPS, Tower, LCD Display, USB,TEL/DSL/Coax Protection
SMART1000LCDU TRIPPLITE-SMART1000LCDU Datasheet
169Kb / 5P
   SmartPro LCD 120V 1000VA 500W Line-Interactive Desktop UPS, AVR, Tower, USB, TEL/DSL/Coax, 8 Outlets
SMART1000LCD TRIPPLITE-SMART1000LCD_15 Datasheet
508Kb / 5P
   SmartPro LCD 120V 1kVA 500W Line-Interactive UPS, Tower, LCD Display, USB, TEL-DSL-Coax Protection
More results

Podobny opis - SMART-SERVER2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon image
EFM32ZG110 SILICONIMAGE-EFM32ZG110 Datasheet
1Mb / 65P
   Energy, gas, water and smart metering
EFM32ZG222 SILICONIMAGE-EFM32ZG222 Datasheet
1Mb / 66P
   Energy, gas, water and smart metering
EFM32ZG210 SILICONIMAGE-EFM32ZG210 Datasheet
1Mb / 65P
   Energy, gas, water and smart metering
EFM32ZG108 SILICONIMAGE-EFM32ZG108 Datasheet
1Mb / 51P
   Energy, gas, water and smart metering
logo
Murata Power Solutions ...
SN3020 MURATA-PS-SN3020 Datasheet
486Kb / 26P
   Smart Energy Module
logo
Silicon Laboratories
BLE121LR SILABS-BLE121LR Datasheet
5Mb / 35P
   Renamed "Bluetooth Smart" to "Bluetooth Low Energy" according to the official Bluetooth SIG nomenclature
Version 1.8
logo
PHOENIX CONTACT
2988120 PHOENIX-2988120 Datasheet
48Kb / 2P
   Program and configuration memory to save the application programs and other files in the file system of the PLC.
2988780 PHOENIX-2988780 Datasheet
49Kb / 2P
   Program and configuration memory to save the application programs and other files in the file system of the PLC.
2988162 PHOENIX-2988162 Datasheet
51Kb / 2P
   Program and configuration memory to save the application programs and other files in the file system of the PLC.
logo
List of Unclassifed Man...
AC4490 ETC2-AC4490 Datasheet
189Kb / 2P
   The fastest way to wireless
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com