Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC08D1520WGFQV Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC08D1520WGFQV
Szczegółowy opis  ADC08D1520QML Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADC08D1520WGFQV Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADC08D1520WGFQV Datasheet HTML 7Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 8Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 9Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 10Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 11Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 12Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 13Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 14Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
ADC08D1520QML-SP
www.ti.com
SNAS420O – JANUARY 2008 – REVISED MARCH 2013
ADC08D1520 Converter Electrical Characteristics DC Parameters
(1) (continued)
The following specifications apply after calibration for VA = VDR = +1.9V; OutV = 1.9V; VIN FSR (a.c. coupled) = differential
870 mVP-P; CL = 10 pF; Differential, a.c. coupled Sine Wave Input Clock, fCLK = 1.5 GHz at 0.5 VP-P with 50% duty cycle; VBG =
Floating; Non-Extended Control Mode; SDR Mode; REXT = 3300 Ω ±0.1%; Analog Signal Source Impedance = 100 Ω
Differential; 1:2 Output Demultiplex, duty cycle stabilizer on. Boldface limits apply for TA = TMIN to TMAX. All other limits TA =
25°C, unless otherwise noted.
(2)(3)
Sub-
Parameter
Test Conditions
Notes
Typ(4)
Min
Max
Units
groups
VOFF_AD Input Offset Adjustment
Extended Control Mode
±45
mV
J
Range
PFSE
Positive Full-Scale Error
(5)
−0.6
±25
mV
1, 2, 3
NFSE
Negative Full-Scale Error
(5)
−1.31
±25
mV
1, 2, 3
Full-Scale Adjustment
FS_ADJ
Extended Control Mode
±20
%FS
Range
ANALOG INPUT AND REFERENCE CHARACTERISTICS
530
mVP-P
1, 2, 3
FSR pin 14 Low
600
650
mVP-P
1, 2, 3
Full Scale Analog
VIN
Differential Input Range
840
mVP-P
1, 2, 3
FSR pin 14 High
900
960
mVP-P
1, 2, 3
Common Mode Input
VCMO− VCMO +
VCMI
(6)
VCMO
V
Voltage
0.05
0.05
Differential
0.02
pF
Analog Input Capacitance,
(7)
Normal operation
Each input pin to ground
1.6
pF
CIN
Differential
0.08
pF
Analog Input Capacitance,
(7)
DES Mode
Each input pin to ground
2.2
pF
94
1, 2, 3
RIN
Differential Input Resistance
100
106
1, 2, 3
ANALOG OUTPUT CHARACTERISTICS
Common Mode Output
VCMO
ICMO = ±100 µA
(6)
1.26
0.95
1.45
V
Voltage
Common Mode Output
TC VCMO Voltage Temperature
118
ppm/°C
Coefficient
1.20
V
1, 2, 3
Bandgap Reference Output
VBG
IBG = ±100 µA
1.26
Voltage
1.33
V
1, 2, 3
Bandgap Reference Voltage TA = −55°C to +125°C,
TC VBG
61
ppm/°C
Temperature Coefficient
IBG = ±100 µA
Maximum Bandgap
CLOAD
Reference load
80
pF
VBG
Capacitance
TEMPERATURE DIODE CHARACTERISTICS
192 µA vs 12 µA, TJ = 25°C
71.23
mV
ΔVBE
Temperature Diode Voltage
192 µA vs 12 µA, TJ = 125°C
94.8
mV
CHANNEL-TO-CHANNEL CHARACTERISTICS
Offset Match
1
LSB
Zero offset selected in Control
Positive Full-Scale Match
1
LSB
Register
Zero offset selected in Control
Negative Full-Scale Match
1
LSB
Register
(5)
Calculation of Full-Scale Error for this device assumes that the actual reference voltage is exactly its nominal value. Full-Scale Error for
this device, therefore, is a combination of Full-Scale Error and Reference Voltage Error. See Figure 3. For relationship between Gain
Error and Full-Scale Error, see Specification Definitions for Gain Error.
(6)
This parameter is ensured by design and/or characterization and is not tested in production.
(7)
The analog and clock input capacitances are die capacitances only. Additional package capacitances of 0.65 pF differential and 0.95 pF
each pin to ground are isolated from the die capacitances by lead and bond wire inductances.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC08D1520QML-SP


Podobny numer części - ADC08D1520WGFQV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC08D1520WGFQV NSC-ADC08D1520WGFQV Datasheet
1Mb / 46P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
logo
Texas Instruments
ADC08D1520WGFQV TI1-ADC08D1520WGFQV Datasheet
1Mb / 58P
[Old version datasheet]   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
More results

Podobny opis - ADC08D1520WGFQV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC08D1520QML NSC-ADC08D1520QML Datasheet
1Mb / 46P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520 NSC-ADC08D1520_09 Datasheet
847Kb / 44P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520 NSC-ADC08D1520 Datasheet
781Kb / 44P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
logo
Texas Instruments
ADC08D1520QML-SP TI1-ADC08D1520QML-SP_17 Datasheet
1Mb / 58P
[Old version datasheet]   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC07D1520 TI1-ADC07D1520 Datasheet
758Kb / 53P
[Old version datasheet]   Low Power, 7-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC07D1520 TI1-ADC07D1520_12 Datasheet
732Kb / 52P
[Old version datasheet]   Low Power, 7-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1020 NSC-ADC08D1020 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
ADC08D1020 NSC-ADC08D1020_08 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
ADC08D1020 NSC-ADC08D1020_09 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
logo
Texas Instruments
ADC10D1000 TI1-ADC10D1000 Datasheet
1Mb / 82P
[Old version datasheet]   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com