Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC14155QML-SP Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC14155QML-SP
Szczegółowy opis  ADC14155QML 14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADC14155QML-SP Arkusz danych(HTML) 2 Page - Texas Instruments

  ADC14155QML-SP Datasheet HTML 1Page - Texas Instruments ADC14155QML-SP Datasheet HTML 2Page - Texas Instruments ADC14155QML-SP Datasheet HTML 3Page - Texas Instruments ADC14155QML-SP Datasheet HTML 4Page - Texas Instruments ADC14155QML-SP Datasheet HTML 5Page - Texas Instruments ADC14155QML-SP Datasheet HTML 6Page - Texas Instruments ADC14155QML-SP Datasheet HTML 7Page - Texas Instruments ADC14155QML-SP Datasheet HTML 8Page - Texas Instruments ADC14155QML-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
ADC14155
(Top View)
36
VDR
25
VDR
VDR
D8
D9
D10
D11
D12
D13 (MSB)
OVR
DRDY
DRGND
CLK_SEL/DF
26
27
28
29
30
31
32
33
34
35
1
12
11
10
9
8
7
6
5
4
3
2
AGND
CLK-
CLK+
AGND
VA
PD
AGND
VIN+
VIN-
AGND
VA
INTERNAL
REFERENCE
SHA
14BIT HIGH SPEED
PIPELINE ADC
CLOCK/DUTY CYCLE
STABILIZER
14
DRDY
DIGITAL
CORRECTION
VIN+
VIN-
CLK+
CLK-
OVR
D0 - D13
VREF
VRP
VRM
VRN
ADC14155QML-SP
SNAS378I – NOVEMBER 2008 – REVISED MARCH 2013
www.ti.com
Block Diagram
Connection Diagram
Figure 1. CFP Package
See Package Number NBA0048A
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC14155QML-SP


Podobny numer części - ADC14155QML-SP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC14155QML-SP TI1-ADC14155QML-SP Datasheet
755Kb / 34P
[Old version datasheet]   14-Bit, 155-MSPS, 1.1-GHz Bandwidth A/D Converter
ADC14155QML-SP TI1-ADC14155QML-SP_18 Datasheet
755Kb / 34P
[Old version datasheet]   14-Bit, 155-MSPS, 1.1-GHz Bandwidth A/D Converter
More results

Podobny opis - ADC14155QML-SP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC14155QML NSC-ADC14155QML Datasheet
1Mb / 26P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
Texas Instruments
ADC14155QML-SP TI1-ADC14155QML-SP_18 Datasheet
755Kb / 34P
[Old version datasheet]   14-Bit, 155-MSPS, 1.1-GHz Bandwidth A/D Converter
logo
National Semiconductor ...
ADC14155 NSC-ADC14155 Datasheet
722Kb / 19P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
Texas Instruments
ADC14155 TI1-ADC14155 Datasheet
1Mb / 28P
[Old version datasheet]   155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
National Semiconductor ...
ADC14V155 NSC-ADC14V155_08 Datasheet
430Kb / 22P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14V155 NSC-ADC14V155_09 Datasheet
487Kb / 24P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
logo
Texas Instruments
ADC14V155 TI1-ADC14V155_14 Datasheet
1Mb / 29P
[Old version datasheet]   155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12C170 TI1-ADC12C170 Datasheet
1Mb / 29P
[Old version datasheet]   1.1 GHz Bandwidth A/D Converter
logo
National Semiconductor ...
ADC12C170_0708 NSC-ADC12C170_0708 Datasheet
426Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC12V170 NSC-ADC12V170 Datasheet
562Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com