Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5474-SP Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS5474-SP
Szczegółowy opis  Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS5474-SP Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS5474-SP Datasheet HTML 1Page - Texas Instruments ADS5474-SP Datasheet HTML 2Page - Texas Instruments ADS5474-SP Datasheet HTML 3Page - Texas Instruments ADS5474-SP Datasheet HTML 4Page - Texas Instruments ADS5474-SP Datasheet HTML 5Page - Texas Instruments ADS5474-SP Datasheet HTML 6Page - Texas Instruments ADS5474-SP Datasheet HTML 7Page - Texas Instruments ADS5474-SP Datasheet HTML 8Page - Texas Instruments ADS5474-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADS5474-SP
SLAS574A – SEPTEMBER 2013 – REVISED DECEMBER 2013
www.ti.com
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLIES
AVDD5
Analog supply voltage
4.75
5
5.25
V
AVDD3
Analog supply voltage
3.1
3.3
3.6
V
DVDD3
Output driver supply voltage
3
3.3
3.6
V
ANALOG INPUT
Differential input range
2.2
VPP
VCM
Input common mode
3.1
V
DIGITAL OUTPUT (DRY, DATA, OVR)
Maximum differential output load
10
pF
CLOCK INPUT (CLK)
CLK input sample rate (sine wave)
20(1)
400
MSPS
Clock amplitude, differential sine wave(1)
0.5
5
VPP
Clock duty cycle (1)
40
50
60
%
TC
Operating case temperature range
–55
+125
°C
(1)
Parameters are assured by characterization, but not production tested.
ELECTRICAL CHARACTERISTICS
Typical values at TC = +25°C: minimum and maximum values over full temperature range TC,MIN = –55°C to TC,MAX = 125°C,
sampling rate = 400 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, –1 dBFS differential input,
and 3 VPP differential clock, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
14
Bits
ANALOG INPUTS
Differential input range
2.2
VPP
Analog input common-mode voltage
Self-biased; see VCM specification below
3.1
V
Input resistance (dc)
Each input to VCM
500
Input capacitance
Each input to GND
7.4
pF
Analog input bandwidth (–3dB)
1.28
GHz
Common-mode signal < 50 MHz
CMRR
Common-mode rejection ratio
100
dB
(see Figure 28)
INTERNAL REFERENCE VOLTAGE
VREF
Reference voltage
2.4
V
With internal VREF. Provided as an output
Analog input common-mode voltage
VCM
via the VCM pin for dc-coupled
2.9
3.1
3.3
V
reference output
applications.
VCM temperature coefficient
–0.8
mV/°C
DYNAMIC ACCURACY
No missing codes
Assured
DNL
Differential linearity error
fIN = 10 MHz
–0.99
±0.7
2.5
LSB
INL
Integral linearity error
fIN = 10 MHz
–7.0
±1.5
7.0
LSB
Offset error
–16
16
mV
Offset temperature coefficient
0.02
mV/°C
Gain error
–5
5
%FS
Gain temperature coefficient
–0.02
%FS/°C
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS5474-SP


Podobny numer części - ADS5474-SP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5474-SP TI1-ADS5474-SP Datasheet
1Mb / 28P
[Old version datasheet]   400MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5474-SP TI1-ADS5474-SP Datasheet
1Mb / 29P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5474-SP TI1-ADS5474-SP_V01 Datasheet
1Mb / 29P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS5474-SP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5474-SP TI1-ADS5474-SP_V01 Datasheet
1Mb / 29P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
[Old version datasheet]   CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474 TI-ADS5474 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
[Old version datasheet]   14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474 TI1-ADS5474_14 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI1-ADS5474_16 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI-ADS5474_08 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5424-SP TI1-ADS5424-SP_15 Datasheet
445Kb / 24P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com