Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2941QML-SP Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części LM2941QML-SP
Szczegółowy opis  LM2941QML 1A Low Dropout Adjustable Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM2941QML-SP Arkusz danych(HTML) 5 Page - Texas Instruments

  LM2941QML-SP_15 Datasheet HTML 1Page - Texas Instruments LM2941QML-SP_15 Datasheet HTML 2Page - Texas Instruments LM2941QML-SP_15 Datasheet HTML 3Page - Texas Instruments LM2941QML-SP_15 Datasheet HTML 4Page - Texas Instruments LM2941QML-SP_15 Datasheet HTML 5Page - Texas Instruments LM2941QML-SP_15 Datasheet HTML 6Page - Texas Instruments LM2941QML-SP_15 Datasheet HTML 7Page - Texas Instruments LM2941QML-SP_15 Datasheet HTML 8Page - Texas Instruments LM2941QML-SP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LM2941QML, LM2941QML-SP
www.ti.com
SNVS390B – AUGUST 2009 – REVISED APRIL 2013
LM2941 Electrical Characteristics AC Parameters
The following conditions apply, unless otherwise specified.
AC: 5V
≤ VO ≤ 20V, VIN = VO+5V, CO = 22µF
Sub-
Parameter
Test Conditions
Notes
Min
Max
Unit
groups
VO Max 1V above nominal VO,
Maximum Line Transient
60
V
4, 5, 6
RO = 100Ω, t ≤ 100mS
Reverse Polarity Transient Input
t
≤ 100mS, RO = 100Ω
-50
V
4, 5, 6
Voltage
ƒO = 1KHz, 1 VRMS, IL = 100mA
See(1)
0.02
%/V
4
RR
Ripple Rejection
ƒO = 1KHz, 1 VRMS, IL = 100mA
See(1)
0.04
%/V
5, 6
(1)
%/V = % of VIN per Volt of VO.
LM2941 Electrical Characteristics DC Drift Parameters
The following conditions apply, unless otherwise specified.
DC: 5V
≤ VO ≤ 20V, VIN = VO+5V, CO = 22µF
Delta calculations performed on QMLV devices at group B , subgroup 5.
Sub-
Parameter
Test Conditions
Notes
Min
Max
Unit
groups
VRef
Reference Voltage
5mA
≤ IO ≤ 1A
-25
+25
mV
1
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2941QML LM2941QML-SP


Podobny numer części - LM2941QML-SP_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2941QML-SP TI1-LM2941QML-SP Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
More results

Podobny opis - LM2941QML-SP_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2941QML TI1-LM2941QML Datasheet
319Kb / 14P
[Old version datasheet]   LM2941QML 1A Low Dropout Adjustable Regulator
logo
Silicon Standard Corp.
SS8117G SSC-SS8117G Datasheet
326Kb / 6P
   1A Adjustable Low-Dropout Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941 Datasheet
322Kb / 10P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941 TI1-LM2941_16 Datasheet
3Mb / 30P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com