Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSC-075S315DT Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części TSC-075S315DT
Szczegółowy opis  Dimmable LED Drivers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

TSC-075S315DT Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  TSC-075S315DT Datasheet HTML 1Page - List of Unclassifed Manufacturers TSC-075S315DT Datasheet HTML 2Page - List of Unclassifed Manufacturers TSC-075S315DT Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
TSC-75W Series
Dimmable LED Drivers
Constant Current
Aluminum Housing
Electrical Specifications
Input Voltage Range:
277 - 480 Nom. Vac (249 - 528 V Min/Max)
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ full load, 277V through 480V
Inrush Current:
135.0 Amps max @ 480 Vac, cold start 25ºC
Input AC Current:
0.34 A max 277VAC, 0.21 A max 480Vac
Maximum Power:
75W
Line Regulation:
± 1%
Load Regulation:
± 3%
THD:
<_ 20% @ full load
Leakage Current:
0.7 mA 480 Vac 50Hz
Typical Efficiency
85-87% at 480Vac
Turn-on Delay:
1 S typical
Output Current Ripple:
20%
Output Protection:
Over-Voltage, Over-Temperature,
and Short Circuit Protection
Environmental Specifications
Minimum Starting Temp: -40ºC
Maximum Case Temp.
90°C
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 100%
Cooling:
Convection
Sound Rating:
Class A
MTBF:
380,000 Hours (700 mA model) at 480Vac input, 80%
load and 25ºC ambient conditions per MIL-HDBK-217F
Lifetime:
50,000 Hours @ Case Temperature = 60ºC
Weight:
2.2 lbs. (1.0 kg)
Constant Current - Product Specifications
Model Number
Output Current
(mA ±5%)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Typical
Efficiency
TSC-075S035ST
350
107-214
75
87%
TSC-075S070ST
700
53-107
75
86%
TSC-075S105ST
1050
36-72
75
87%
TSC-075S140ST
1400
26-53
75
87%
TSC-075S210ST
2100
18-36
75
86%
TSC-075S315ST
3150
12-24
75
85%
Dimming Versions - Product Specifications
Model Number
Output Current
(mA ±5%)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Typical
Efficiency
TSC-075S035DT
350
107-214
75
87%
TSC-075S070DT
700
53-107
75
86%
TSC-075S105DT
1050
36-72
75
87%
TSC-075S140DT
1400
26-53
75
87%
TSC-075S210DT
2100
18-36
75
86%
TSC-075S315DT
3150
12-24
75
85%
The output current is adjustable at factory from 50% to 100%.
Class 2:
US/Canada
US Only
E332160
• Total Power: 75 Watts
• Input Voltage: 277-480 Vac Nom.
• UL Dry, Damp & Wet Location Rated
• IP67
• High Power Factor
• UL Type HL Rated
* UL8750
Rev 8-31-15


Podobny numer części - TSC-075S315DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Willow Technologies Ltd
TSC-10 WILLOW-TSC-10 Datasheet
361Kb / 2P
   Tubular Power Wirewound Resistors
logo
Riedon Powertron
TSC-10 RIEDON-TSC-10 Datasheet
289Kb / 2P
   Tubular Power Wirewound Resistors
TSC-10 RIEDON-TSC-10 Datasheet
161Kb / 2P
   Tubular Power Wirewound Resistors
logo
Willow Technologies Ltd
TSC-100 WILLOW-TSC-100 Datasheet
361Kb / 2P
   Tubular Power Wirewound Resistors
logo
Riedon Powertron
TSC-100 RIEDON-TSC-100 Datasheet
289Kb / 2P
   Tubular Power Wirewound Resistors
More results

Podobny opis - TSC-075S315DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
VLED40W-120-C0350-XX ETC2-VLED40W-120-C0350-XX Datasheet
722Kb / 4P
   Dimmable LED Drivers
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
   Dimmable LED Drivers
VLED50W-149-C0350-XX ETC2-VLED50W-149-C0350-XX Datasheet
818Kb / 4P
   Dimmable LED Drivers
logo
Diodes Incorporated
AL1692 DIODES-AL1692 Datasheet
787Kb / 15P
   DIMMABLE LED CONTROLLER/DRIVERS
AL1692 DIODES-AL1692_17 Datasheet
424Kb / 15P
   DIMMABLE LED CONTROLLER/DRIVERS
logo
Recom International Pow...
REPOT RECOM-REPOT Datasheet
389Kb / 3P
   suitable for 1-10V dimmable LED drivers
logo
List of Unclassifed Man...
LED40W-130-C0300-HL-XY-HV ETC2-LED40W-130-C0300-HL-XY-HV Datasheet
767Kb / 4P
   Fixed Output and Dimmable Switch Mode LED Drivers
logo
Dialog Semiconductor
IW3602-00 DIALOG-IW3602-00 Datasheet
1Mb / 18P
   AC/DC Digital Power Controller for Dimmable LED Drivers
logo
Renesas Technology Corp
IW3602-30C RENESAS-IW3602-30C Datasheet
1Mb / 16P
   AC/DC Digital Power Controllers for Dimmable LED Drivers
07-Apr-2022
IW3602 RENESAS-IW3602 Datasheet
2Mb / 18P
   AC/DC Digital Power Controller for Dimmable LED Drivers
31-May-2022
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com