Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX5883 Arkusz danych(PDF) 1 Page - Maxim Integrated Products

Numer części MAX5883
Szczegółowy opis  3.3V, 12-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5883 Arkusz danych(HTML) 1 Page - Maxim Integrated Products

  MAX5883 Datasheet HTML 1Page - Maxim Integrated Products MAX5883 Datasheet HTML 2Page - Maxim Integrated Products MAX5883 Datasheet HTML 3Page - Maxim Integrated Products MAX5883 Datasheet HTML 4Page - Maxim Integrated Products MAX5883 Datasheet HTML 5Page - Maxim Integrated Products MAX5883 Datasheet HTML 6Page - Maxim Integrated Products MAX5883 Datasheet HTML 7Page - Maxim Integrated Products MAX5883 Datasheet HTML 8Page - Maxim Integrated Products MAX5883 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX5883 is an advanced, 12-bit, 200Msps digital-
to-analog converter (DAC) designed to meet the
demanding performance requirements of signal synthe-
sis applications found in wireless base stations and
other communications applications. Operating from a
single 3.3V supply, this DAC offers exceptional dynamic
performance such as 77dBc spurious-free dynamic
range (SFDR) at fOUT = 10MHz. The DAC supports
update rates of 200Msps at a power dissipation of less
than 200mW.
The MAX5883 utilizes a current-steering architecture,
which supports a full-scale output current range of 2mA
to 20mA, and allows a differential output voltage swing
between 0.1VP-P and 1VP-P.
The MAX5883 features an integrated 1.2V bandgap
reference and control amplifier to ensure high accuracy
and low noise performance. Additionally, a separate
reference input pin enables the user to apply an exter-
nal reference source for optimum flexibility and to
improve gain accuracy.
The digital and clock inputs of the MAX5883 are
designed for CMOS-compatible voltage levels. The
MAX5883 is available in a 48-pin QFN package with an
exposed paddle (EP) and is specified for the extended
industrial temperature range (-40°C to +85°C).
Refer to the MAX5884 and MAX5885 data sheets for
pin-compatible 14- and 16-bit versions of the MAX5883.
For LVDS high-speed versions, refer to the MAX5886,
MAX5887, and MAX5888 data sheets.
Applications
Base Stations: Single/Multicarrier UMTS,
CDMA
Communications: LMDS, MMDS, Point-to-Point
Microwave
Digital Signal Synthesis
Automated Test Equipment (ATE)
Instrumentation
Features
o 200Msps Output Update Rate
o Single 3.3V Supply Operation
o Excellent SFDR and IMD Performance
SFDR = 77dBc at fOUT = 10MHz (to Nyquist)
IMD = -86dBc at fOUT = 10MHz
ACLR = 71dB at fOUT = 30.72MHz
o 2mA to 20mA Full-Scale Output Current
o CMOS-Compatible Digital and Clock Inputs
o On-Chip 1.2V Bandgap Reference
o Low Power Dissipation
o 48-Pin QFN-EP Package
3.3V, 12-Bit, 200Msps High Dynamic
Performance DAC with CMOS Inputs
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2824; Rev 1; 12/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX5883EGM
-40
°C to +85°C
48 QFN-EP*
B8
B9
B11
DGND
N.C.
N.C.
N.C.
N.C.
N.C.
DVDD
SEL0
B10
XOR
VCLK
CLKGND
CLKP
CLKN
CLKGND
VCLK
PD
AVDD
AGND
N.C.
N.C.
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
QFN
MAX5883
TOP VIEW
Pin Configuration
*EP = Exposed paddle.


Podobny numer części - MAX5883

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX5884 MAXIM-MAX5884 Datasheet
491Kb / 10P
   3.3V, 14-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2825; Rev 1; 12/03
MAX5884EGM MAXIM-MAX5884EGM Datasheet
491Kb / 10P
   3.3V, 14-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2825; Rev 1; 12/03
MAX5885 MAXIM-MAX5885 Datasheet
862Kb / 10P
   3.3V, 16-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2786; Rev 1; 12/03
MAX5885EGM MAXIM-MAX5885EGM Datasheet
862Kb / 10P
   3.3V, 16-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2786; Rev 1; 12/03
MAX5886 MAXIM-MAX5886 Datasheet
439Kb / 18P
   3.3V, 12-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2776; Rev 2; 12/03
More results

Podobny opis - MAX5883

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX5884 MAXIM-MAX5884 Datasheet
491Kb / 10P
   3.3V, 14-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2825; Rev 1; 12/03
MAX5885 MAXIM-MAX5885 Datasheet
862Kb / 10P
   3.3V, 16-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2786; Rev 1; 12/03
MAX5886 MAXIM-MAX5886 Datasheet
439Kb / 18P
   3.3V, 12-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2776; Rev 2; 12/03
MAX5887 MAXIM-MAX5887 Datasheet
982Kb / 18P
   3.3V, 14-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2777; Rev 1; 10/03
MAX5888 MAXIM-MAX5888 Datasheet
746Kb / 18P
   3.3V, 16-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2726; Rev 3; 12/03
MAX5891 MAXIM-MAX5891 Datasheet
412Kb / 15P
   16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs
Rev 0; 2/05
MAX5878 MAXIM-MAX5878 Datasheet
511Kb / 18P
   16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
Rev 0; 2/05
MAX5195 MAXIM-MAX5195 Datasheet
595Kb / 17P
   14-Bit, 260Msps High-Dynamic Performance DAC
Rev 0; 7/02
logo
List of Unclassifed Man...
DAC-HK12BMM ETC-DAC-HK12BMM Datasheet
192Kb / 4P
   HIGH PERFORMANCE 12 BIT DAC WITH INPUT REGISTERS
logo
Maxim Integrated Produc...
MAX5893 MAXIM-MAX5893 Datasheet
426Kb / 32P
   12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com