Zakładka z wyszukiwarką danych komponentów |
|
MAX5884 Arkusz danych(PDF) 4 Page - Maxim Integrated Products |
|
MAX5884 Arkusz danych(HTML) 4 Page - Maxim Integrated Products |
4 / 10 page 3.3V, 14-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs 4 _______________________________________________________________________________________ Note 1: Nominal full-scale current IOUT = 32 ✕ IREF. Note 2: This parameter does not include update-rate depending effects of sin(x)/x filtering inherent in the MAX5884. Note 3: Parameter measured single ended into a 50 Ω termination resistor. Note 4: Parameter guaranteed by design. Note 5: Parameter defined as the change in midscale output caused by a ±5% variation in the nominal supply voltage. ELECTRICAL CHARACTERISTICS (continued) (AVDD = DVDD = VCLK = 3.3V, AGND = DGND = CLKGND = 0V, external reference, VREFIO = 1.25V, RL = 50 Ω, IOUT = 20mA, fCLK = 200Msps, TA = TMIN to TMAX, unless otherwise noted. ≥+25°C guaranteed by production test, <+25°C guaranteed by design and characterization. Typical values are at TA = +25°C.) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Data Latency 3.5 Clock cycles Minimum Clock Pulse Width High tCH CLKP, CLKN 1.5 ns Minimum Clock Pulse Width Low tCL CLKP, CLKN 1.5 ns CMOS LOGIC INPUTS (B0–B13, PD, SEL0, XOR) Input Logic High VIH 0.7 x DVDD V Input Logic Low VIL 0.3 x DVDD V Input Leakage Current IIN -15 +15 µA Input Capacitance CIN 5pF CLOCK INPUTS (CLKP, CLKN) Sine wave ≥1.5 Differential Input Voltage Swing VCLK Square wave ≥0.5 VP-P Differential Input Slew Rate SRCLK >100 V/µs Common-Mode Voltage Range VCOM 1.5 ±20% V Input Resistance RCLK 5k Ω Input Capacitance CCLK 5pF POWER SUPPLIES Analog Supply Voltage Range AVDD 3.135 3.3 3.465 V Digital Supply Voltage Range DVDD 3.135 3.3 3.465 V Clock Supply Voltage Range VCLK 3.135 3.3 3.465 V fCLK = 100Msps, fOUT = 1MHz 27 Analog Supply Current IAVDD Power-down 0.3 mA fCLK = 100Msps, fOUT = 1MHz 8 mA Digital Supply Current IDVDD Power-down 10 µA fCLK = 100Msps, fOUT = 1MHz 5.5 mA Clock Supply Current IVCLK Power-down 10 µA fCLK = 100Msps, fOUT = 1MHz 134 Power Dissipation PDISS Power-down 1 mW Power-Supply Rejection Ratio PSRR AVDD = VCLK = DVDD = 3.3V ±5% (Note 5) -0.1 +0.1 %FS/V |
Podobny numer części - MAX5884 |
|
Podobny opis - MAX5884 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |