Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX5885 Arkusz danych(PDF) 3 Page - Maxim Integrated Products

Numer części MAX5885
Szczegółowy opis  3.3V, 16-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5885 Arkusz danych(HTML) 3 Page - Maxim Integrated Products

  MAX5885 Datasheet HTML 1Page - Maxim Integrated Products MAX5885 Datasheet HTML 2Page - Maxim Integrated Products MAX5885 Datasheet HTML 3Page - Maxim Integrated Products MAX5885 Datasheet HTML 4Page - Maxim Integrated Products MAX5885 Datasheet HTML 5Page - Maxim Integrated Products MAX5885 Datasheet HTML 6Page - Maxim Integrated Products MAX5885 Datasheet HTML 7Page - Maxim Integrated Products MAX5885 Datasheet HTML 8Page - Maxim Integrated Products MAX5885 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3.3V, 16-Bit, 200Msps High Dynamic
Performance DAC with CMOS Inputs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = VCLK = 3.3V, AGND = DGND = CLKGND = 0V, external reference, VREFIO = 1.25V, RL = 50
Ω, IOUT = 20mA,
fCLK = 200Msps, TA = TMIN to TMAX, unless otherwise noted.
≥+25°C guaranteed by production test, <+25°C guaranteed by design
and characterization. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
fOUT = 10MHz, -12dB FS
77
fCLK = 100MHz
fOUT = 30MHz, -12dB FS
73
fOUT = 10MHz, -12dB FS
72
fOUT = 16MHz, -12dB FS,
TA
≥+25°C
68
76
fOUT = 30MHz, -12dB FS
71
Spurious-Free Dynamic Range to
Nyquist
SFDR
fCLK = 200MHz
fOUT = 50MHz, -12dB FS
71
dBc
fOUT1 = 9MHz, -6dB FS
fCLK = 100MHz
fOUT2 = 10MHz, -6dB FS
-88
fOUT1 = 29MHz, -6dB FS
Two-Tone IMD
TTIMD
fCLK = 200MHz
fOUT2 = 30MHz, -6dB FS
-74
dBc
Four-Tone IMD, 1MHz Frequency
Spacing, GSM Model
FTIMD
fCLK = 150MHz
fOUT = 31.99MHz,
-12dB FS
-82
dBc
Adjacent Channel Leakage
Power Ratio, 4.1MHz Bandwidth,
WCDMA Model
ACLR
fCLK =
184.32MHz
fOUT = 30.72MHz
74
dB
Output Bandwidth
BW-1dB
(Note 2)
450
MHz
REFERENCE
Internal Reference Voltage Range
VREFIO
1.1
1.21
1.34
V
Reference Input Compliance
Range
VREFIOCR
0.125
1.25
V
Reference Input Resistance
RREFIO
10
k
Reference Voltage Drift
TCOREF
±50
ppm/
°C
ANALOG OUTPUT TIMING
Output Fall Time
tFALL
90% to 10% (Note 3)
375
ps
Output Rise Time
tRISE
10% to 90% (Note 3)
375
ps
Output Voltage Settling Time
tSETTLE
Output settles to 0.025% FS (Note 3)
11
ns
Output Propagation Delay
tPD
(Note 3)
1.8
ns
Glitch Energy
1
pV-s
IOUT = 2mA
30
Output Noise
NOUT
IOUT = 20mA
30
pA/
√Hz
TIMING CHARACTERISTICS
Data to Clock Setup Time
tSETUP
Referenced to rising edge of clock (Note 4)
0.4
ns
Data to Clock Hold Time
tHOLD
Referenced to rising edge of clock (Note 4)
1.25
ns


Podobny numer części - MAX5885

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX5883 MAXIM-MAX5883 Datasheet
634Kb / 16P
   3.3V, 12-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2824; Rev 1; 12/03
MAX5883EGM MAXIM-MAX5883EGM Datasheet
634Kb / 16P
   3.3V, 12-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2824; Rev 1; 12/03
MAX5884 MAXIM-MAX5884 Datasheet
491Kb / 10P
   3.3V, 14-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2825; Rev 1; 12/03
MAX5884EGM MAXIM-MAX5884EGM Datasheet
491Kb / 10P
   3.3V, 14-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2825; Rev 1; 12/03
MAX5886 MAXIM-MAX5886 Datasheet
439Kb / 18P
   3.3V, 12-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2776; Rev 2; 12/03
More results

Podobny opis - MAX5885

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX5883 MAXIM-MAX5883 Datasheet
634Kb / 16P
   3.3V, 12-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2824; Rev 1; 12/03
MAX5884 MAXIM-MAX5884 Datasheet
491Kb / 10P
   3.3V, 14-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2825; Rev 1; 12/03
MAX5888 MAXIM-MAX5888 Datasheet
746Kb / 18P
   3.3V, 16-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2726; Rev 3; 12/03
MAX5891 MAXIM-MAX5891 Datasheet
412Kb / 15P
   16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs
Rev 0; 2/05
MAX5878 MAXIM-MAX5878 Datasheet
511Kb / 18P
   16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
Rev 0; 2/05
MAX5887 MAXIM-MAX5887 Datasheet
982Kb / 18P
   3.3V, 14-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2777; Rev 1; 10/03
MAX5886 MAXIM-MAX5886 Datasheet
439Kb / 18P
   3.3V, 12-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2776; Rev 2; 12/03
MAX5195 MAXIM-MAX5195 Datasheet
595Kb / 17P
   14-Bit, 260Msps High-Dynamic Performance DAC
Rev 0; 7/02
MAX5895 MAXIM-MAX5895 Datasheet
807Kb / 32P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
MAX5895 MAXIM-MAX5895_08 Datasheet
314Kb / 31P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com