Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL5001G-D08-T Arkusz danych(PDF) 1 Page - Unisonic Technologies

Numer części TL5001G-D08-T
Szczegółowy opis  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL5001G-D08-T Arkusz danych(HTML) 1 Page - Unisonic Technologies

  TL5001G-D08-T Datasheet HTML 1Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 2Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 3Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 4Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 5Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 6Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 7Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 8Page - Unisonic Technologies TL5001G-D08-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TL5001
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 13
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R103-016.E
PULSE-WIDTH-MODULATION
CONTROL CIRCUITS
DESCRIPTION
The UTC TL5001 incorporates on a single monolithic chip all the
functions required for a pulse width modulation (PWM) control circuit.
Designed primarily for power-supply control, It contains an error
amplifier, a regulator, an oscillator, a PWM comparator with a
dead-time-control input, undervoltage lockout (UVLO), short-circuit
protection (SCP) and an open-collector output transistor.
The error-amplifier common-mode voltage ranges from 0V to
1.5V. The noninverting input of the error amplifier is connected to a
1-V reference. Dead-time control (DTC) can be set to provide 0% to
100% dead time by connecting an external resistor between DTC
and GND. The oscillator frequency is set by terminating RT with an
external resistor to GND. During low VCC conditions, the UVLO
circuit turns the output off until VCC recovers to its normal operating
range.
FEATURES
* Complete PWM power control
* 3.6-V to 40-V operation
* Internal under voltage-lockout circuit
* Internal short-circuit protection
* Oscillator frequency : 20kHz to 500kHz
* Variable dead timer provides control over total range
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
TL5001L-D08-T
TL5001G-D08-T
DIP-8
Tube
-
TL5001G-S08-R
SOP-8
Tape Reel
-
TL5001G-S08-T
SOP-8
Tube


Podobny numer części - TL5001G-D08-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
TL5001G-D08-T UTC-TL5001G-D08-T Datasheet
312Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Podobny opis - TL5001G-D08-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL594 TI-TL594_07 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL5002 TI-TL5002 Datasheet
233Kb / 14P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
   Pulse-Width-Modulation Control Circuit
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594 Datasheet
281Kb / 8P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594_15 Datasheet
380Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com