Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD18509Q5B Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części CSD18509Q5B
Szczegółowy opis  CSD18509Q5B N-Channel NexFET Power MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CSD18509Q5B Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button CSD18509Q5B_15 Datasheet HTML 2Page - Texas Instruments CSD18509Q5B_15 Datasheet HTML 3Page - Texas Instruments CSD18509Q5B_15 Datasheet HTML 4Page - Texas Instruments CSD18509Q5B_15 Datasheet HTML 5Page - Texas Instruments CSD18509Q5B_15 Datasheet HTML 6Page - Texas Instruments CSD18509Q5B_15 Datasheet HTML 7Page - Texas Instruments CSD18509Q5B_15 Datasheet HTML 8Page - Texas Instruments CSD18509Q5B_15 Datasheet HTML 9Page - Texas Instruments CSD18509Q5B_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
0
20
40
60
80
100
120
−50
−25
0
25
50
75
100
125
150
175
TC - Case Temperature (ºC)
G001
0.1
1
10
100
1000
5000
0.1
1
10
100
VDS - Drain-to-Source Voltage (V)
10us
100us
1ms
10ms
DC
G001
10
100
0.01
0.1
1
TAV - Time in Avalanche (mS)
TC = 25ºC
TC = 125ºC
G001
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
VGS = 4.5V
VGS = 10V
G001
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VSD − Source-to-Drain Voltage (V)
TC = 25°C
TC = 125°C
G001
CSD18509Q5B
SLPS476 – JUNE 2014
www.ti.com
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
ID = 32 A
Figure 8. Normalized On-State Resistance vs Temperature
Figure 9. Typical Diode Forward Voltage
Single Pulse, Max RθJC = 0.8°C/W
Figure 10. Maximum Safe Operating Area
Figure 11. Single Pulse Unclamped Inductive Switching
Figure 12. Maximum Drain Current vs Temperature
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: CSD18509Q5B


Podobny numer części - CSD18509Q5B_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD18509Q5B TI1-CSD18509Q5B_16 Datasheet
464Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
More results

Podobny opis - CSD18509Q5B_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD17551Q3A TI1-CSD17551Q3A_16 Datasheet
779Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD18509Q5B TI1-CSD18509Q5B_16 Datasheet
464Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD17552Q3A TI1-CSD17552Q3A_16 Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16323Q3C TI1-CSD16323Q3C Datasheet
387Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com