Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSI352 Arkusz danych(PDF) 3 Page - Integrated Device Technology

Numer części TSI352
Szczegółowy opis  This chapter discusses the following topics about the Tsi352
Download  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI352 Arkusz danych(HTML) 3 Page - Integrated Device Technology

  TSI352 Datasheet HTML 1Page - Integrated Device Technology TSI352 Datasheet HTML 2Page - Integrated Device Technology TSI352 Datasheet HTML 3Page - Integrated Device Technology TSI352 Datasheet HTML 4Page - Integrated Device Technology TSI352 Datasheet HTML 5Page - Integrated Device Technology TSI352 Datasheet HTML 6Page - Integrated Device Technology TSI352 Datasheet HTML 7Page - Integrated Device Technology TSI352 Datasheet HTML 8Page - Integrated Device Technology TSI352 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 183 page
background image
3
Tsi352 User Manual
80D6000_MA001_03
Integrated Device Technology
www.idt.com
About this Document
This section discusses the following topics:
“Scope” on page 3
“Document Conventions” on page 3
“Revision History” on page 4
Scope
The Tsi352 PCI-to-PCI Bridge User Manual discusses the features, capabilities, and configuration
requirements for the Tsi352. It is designed for hardware and software engineers who are designing
system interconnect applications with the device.
Document Conventions
This document uses the following conventions.
Non-differential Signal Notation
Non-differential signals are either active-low or active-high. An active-low signal has an active state of
logic 0 (or the lower voltage level), and is denoted by a lowercase “_b”. An active-high signal has an
active state of logic 1 (or the higher voltage level), and is not denoted by a special character. The
following table illustrates the non-differential signal naming convention.
Object Size Notation
•A byte is an 8-bit object.
•A word is a 16-bit object.
•A doubleword (Dword) is a 32-bit object.
Numeric Notation
Hexadecimal numbers are denoted by the prefix 0x (for example, 0x04).
State
Single-line signal
Multi-line signal
Active low
NAME_b
NAME_b[3]
Active high
NAME
NAME[3]


Podobny numer części - TSI352

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
TSI350 IDT-TSI350 Datasheet
848Kb / 163P
   This chapter discusses the following
More results

Podobny opis - TSI352

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
TSI340 IDT-TSI340 Datasheet
667Kb / 149P
   This chapter discusses the following topics about the Tsi340
TSI350 IDT-TSI350 Datasheet
848Kb / 163P
   This chapter discusses the following
89HPEB383 IDT-89HPEB383 Datasheet
3Mb / 264P
   Topics discussed include the following
logo
Texas Instruments
DAC5573EVM TI-DAC5573EVM Datasheet
323Kb / 26P
[Old version datasheet]   This document contains the following chapters
logo
Integrated Device Techn...
TSI721 IDT-TSI721 Datasheet
423Kb / 68P
   This document uses the following conventions
logo
Zilog, Inc.
ZRD0027PLM0ZRD ZILOG-ZRD0027PLM0ZRD Datasheet
558Kb / 24P
   This reference design features the following elements
logo
Gamewell-FCI by Honeywe...
FPT-XSTAND GAMEWELL-FCI-FPT-XSTAND Datasheet
72Kb / 2P
   Provides the following
logo
List of Unclassifed Man...
STM32-P407 ETC2-STM32-P407 Datasheet
2Mb / 33P
   Introduction to the chapter
logo
Freescale Semiconductor...
MC9S08SH4CTG FREESCALE-MC9S08SH4CTG Datasheet
1Mb / 341P
   This is the MC9S08SH8 datasheet set consisting of the following files
logo
NXP Semiconductors
MCF51JG256DS NXP-MCF51JG256DS Datasheet
1,022Kb / 46P
   This is the MCF51JG256 Data Sheet set consisting of the following files
Rev.1.1, 07/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com