Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD23203W Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części CSD23203W
Szczegółowy opis  CSD23203W 8 V P-Channel NexFET Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CSD23203W Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button CSD23203W_15 Datasheet HTML 4Page - Texas Instruments CSD23203W_15 Datasheet HTML 5Page - Texas Instruments CSD23203W_15 Datasheet HTML 6Page - Texas Instruments CSD23203W_15 Datasheet HTML 7Page - Texas Instruments CSD23203W_15 Datasheet HTML 8Page - Texas Instruments CSD23203W_15 Datasheet HTML 9Page - Texas Instruments CSD23203W_15 Datasheet HTML 10Page - Texas Instruments CSD23203W_15 Datasheet HTML 11Page - Texas Instruments CSD23203W_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
CSD23203W
SLPS533 – DECEMBER 2014
www.ti.com
7 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
7.1 CSD23203W Package Dimensions
NOTE: All dimensions are in mm (unless otherwise specified).
Pinout
POSITION
DESIGNATION
C1, C2
Drain
A1
Gate
A2, B1, B2
Source
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: CSD23203W


Podobny numer części - CSD23203W_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD23203WT TI1-CSD23203WT Datasheet
369Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
More results

Podobny opis - CSD23203W_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD22205L TI1-CSD22205L Datasheet
618Kb / 11P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
CSD23203W TI1-CSD23203W Datasheet
369Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD22206W TI1-CSD22206W Datasheet
411Kb / 12P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
CSD22204W TI1-CSD22204W Datasheet
470Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD22204W ?? V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD23202W10 TI1-CSD23202W10 Datasheet
440Kb / 12P
[Old version datasheet]   12-V P-Channel NexFET Power MOSFET
CSD25213W10 TI-CSD25213W10 Datasheet
1Mb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com