Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD25304W1015 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części CSD25304W1015
Szczegółowy opis  CSD25304W1015 20-V P-Channel NexFET Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CSD25304W1015 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button CSD25304W1015_15 Datasheet HTML 2Page - Texas Instruments CSD25304W1015_15 Datasheet HTML 3Page - Texas Instruments CSD25304W1015_15 Datasheet HTML 4Page - Texas Instruments CSD25304W1015_15 Datasheet HTML 5Page - Texas Instruments CSD25304W1015_15 Datasheet HTML 6Page - Texas Instruments CSD25304W1015_15 Datasheet HTML 7Page - Texas Instruments CSD25304W1015_15 Datasheet HTML 8Page - Texas Instruments CSD25304W1015_15 Datasheet HTML 9Page - Texas Instruments CSD25304W1015_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
0.1
1
10
100
0.1
1
10
100
− V
DS - Drain-to-Source Voltage (V)
10us
100us
1ms
10ms
100ms
G001
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
−50
−25
0
25
50
75
100
125
150
175
200
TC - Case Temperature (ºC)
G001
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
−75
−50
−25
0
25
50
75
100
125
150
175
TC - Case Temperature (ºC)
VGS = −2.5V
VGS = −4.5V
G001
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
− V
SD − Source-to-Drain Voltage (V)
TC = 25°C
TC = 125°C
G001
CSD25304W1015
SLPS510A – JULY 2014 – REVISED AUGUST 2014
www.ti.com
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
ID = –1.5 A
Figure 8. Normalized On-State Resistance vs Temperature
Figure 9. Typical Diode Forward Voltage
Single Pulse, Max RθJA = 165°C/W
Figure 10. Maximum Safe Operating Area
Figure 11. Maximum Drain Current vs Temperature
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: CSD25304W1015


Podobny numer części - CSD25304W1015_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD25304W1015T TI1-CSD25304W1015T Datasheet
420Kb / 12P
[Old version datasheet]   20V P-Channel NexFET Power MOSFET
More results

Podobny opis - CSD25304W1015_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25202W15 TI-CSD25202W15_15 Datasheet
957Kb / 15P
[Old version datasheet]   CSD25202W15 20-V P-Channel NexFET Power MOSFET
CSD25310Q2 TI1-CSD25310Q2_18 Datasheet
779Kb / 14P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFETs
CSD22205L TI1-CSD22205L Datasheet
618Kb / 11P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
CSD25310Q2 TI1-CSD25310Q2 Datasheet
760Kb / 11P
[Old version datasheet]   CSD25310Q2, 20 V P-Channel NexFET Power MOSFETs
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD22204W ?? V P-Channel NexFET Power MOSFET
CSD23203W TI1-CSD23203W Datasheet
369Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD22206W TI1-CSD22206W Datasheet
411Kb / 12P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com