Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC3843BP-D08-T Arkusz danych(PDF) 11 Page - Unisonic Technologies

Numer części UC3843BP-D08-T
Szczegółowy opis  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3843BP-D08-T Arkusz danych(HTML) 11 Page - Unisonic Technologies

Back Button UC3843BP-D08-T Datasheet HTML 3Page - Unisonic Technologies UC3843BP-D08-T Datasheet HTML 4Page - Unisonic Technologies UC3843BP-D08-T Datasheet HTML 5Page - Unisonic Technologies UC3843BP-D08-T Datasheet HTML 6Page - Unisonic Technologies UC3843BP-D08-T Datasheet HTML 7Page - Unisonic Technologies UC3843BP-D08-T Datasheet HTML 8Page - Unisonic Technologies UC3843BP-D08-T Datasheet HTML 9Page - Unisonic Technologies UC3843BP-D08-T Datasheet HTML 10Page - Unisonic Technologies UC3843BP-D08-T Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
UC3842B/3843B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 11
www.unisonic.com.tw
QW-R103-012.F
TYPICAL CHARACTERISTICS(Cont.)
25
20
15
10
5
0
010
20
30
40
Fig. 16 Supply Current vs. Supply Voltage
Supply Voltage, VCC (V)
RT=10k
CT=3.3nF
VFB=0V
ISENSE=0V
TA=25°C
VCC=15V
CL=1.0nF
TA=25°C
10
%
90
%
50ns/DIV
Fig. 14 Output Waveform
VCC=30V
CL=15pF
TA=25°C
Fig. 15 Output Cross Conduction
0
200
400
600
800
0
10
20
30
-20
-10
0
Output Load Current, IOUT (mA)
Fig. 13 Output Saturation Voltage Versus Load Current
VCC
TA=-55°C
VCC=15V
80µs Pulsed Load
120Hz Rate
TA=25°
C
GND
Sink Saturation
(Load to VCC)
TA=-
55°C
Source Saturation
(Load to Ground)
TA=25°C
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Podobny numer części - UC3843BP-D08-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UC3843BP-D08-T UTC-UC3843BP-D08-T Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
UC3843BP-D08-T UTC-UC3843BP-D08-T Datasheet
439Kb / 10P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
More results

Podobny opis - UC3843BP-D08-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com