Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS58J63 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS58J63
Szczegółowy opis  ADS58J63 Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS58J63 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS58J63 Datasheet HTML 2Page - Texas Instruments ADS58J63 Datasheet HTML 3Page - Texas Instruments ADS58J63 Datasheet HTML 4Page - Texas Instruments ADS58J63 Datasheet HTML 5Page - Texas Instruments ADS58J63 Datasheet HTML 6Page - Texas Instruments ADS58J63 Datasheet HTML 7Page - Texas Instruments ADS58J63 Datasheet HTML 8Page - Texas Instruments ADS58J63 Datasheet HTML 9Page - Texas Instruments ADS58J63 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 87 page
background image
ADS58J63
SBAS717A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
6.4 Thermal Information
ADS58J63
THERMAL METRIC(1)
RMP (VQFNP)
UNIT
72 PINS
RθJA
Junction-to-ambient thermal resistance
22.3
RθJC(top)
Junction-to-case (top) thermal resistance
5.1
RθJB
Junction-to-board thermal resistance
2.4
°C/W
ψJT
Junction-to-top characterization parameter
0.1
ψJB
Junction-to-board characterization parameter
2.3
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
Typical values are at TA = 25°C, full temperature range is from TMIN = –40°C to TMAX = 85°C, ADC Sampling Frequency = 500
Msps, 50% clock duty cycle, AVDD3V = 3 V, AVDD/DVDD = 1.9 V, IOVDD = 1.15 V, –1 -dBFS differential input for IF
≤ 250
MHz, and –3-dBFS differential input for IF > 250 MHz, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Sampling Rate
500
MSPS
Resolution
14
Bits
POWER SUPPLY
AVDD3V
2.85
3
3.6
V
AVDD
1.8
1.9
2
V
DVDD
1.8
1.9
2
V
IOVDD
1.1
1.15
1.2
V
IAVDD3V
3-V analog supply current
340
mA
IAVDD
1.9-V analog supply current
365
mA
2x Decimation (4 ch)
190
mA
IDVDD
1.9-V digital supply current
184
mA
370-MHz, full-scale
Burst Mode (4 ch)
1.15-V SERDES supply
input on all four
IIOVDD
533
mA
current
channels
2x Decimation (4 ch)
2.68
W
Pdis
Total power dissipation
Burst Mode (4 ch)
2.67
W
Global power-down power
250
mW
dissipation
ANALOG INPUTS
Differential input full-scale
1.9
VPP
voltage
VCM ±
Input common-mode voltage
V
0.025
Diffrential input resistance
at fIN =370MHz
0.5
k
Ω
Differential input capacitance
at fIN =370MHz
2.5
pF
Analog input bandwidth (3 dB)
900
MHz
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ADS58J63


Podobny numer części - ADS58J63

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS58J63 TI1-ADS58J63 Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J63IRMPR TI1-ADS58J63IRMPR Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J63IRMPT TI1-ADS58J63IRMPT Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
More results

Podobny opis - ADS58J63

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS58J63 TI1-ADS58J63 Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J64 TI1-ADS58J64 Datasheet
7Mb / 81P
[Old version datasheet]   Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS58J64 TI1-ADS58J64_V01 Datasheet
8Mb / 84P
[Old version datasheet]   ADS58J64 Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
[Old version datasheet]   Quad Channel 14-Bit 500 MSPS ADC
ADS58J89 TI-ADS58J89_15 Datasheet
2Mb / 77P
[Old version datasheet]   ADS58J89 Quad Channel 14-Bit 250/500 MSPS Receiver and Feedback IC
ADC32RF82 TI1-ADC32RF82 Datasheet
7Mb / 151P
[Old version datasheet]   Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
ADS54J66 TI1-ADS54J66 Datasheet
5Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS ADC with Integrated DDC
logo
Analog Devices
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9694 AD-AD9694 Datasheet
2Mb / 101P
   14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
AD9694S-CSL AD-AD9694S-CSL Datasheet
525Kb / 16P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com