Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS58J89IRGCR Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS58J89IRGCR
Szczegółowy opis  ADS58J89 Quad Channel 14-Bit 250/500 MSPS Receiver and Feedback IC
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS58J89IRGCR Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS58J89IRGCR Datasheet HTML 7Page - Texas Instruments ADS58J89IRGCR Datasheet HTML 8Page - Texas Instruments ADS58J89IRGCR Datasheet HTML 9Page - Texas Instruments ADS58J89IRGCR Datasheet HTML 10Page - Texas Instruments ADS58J89IRGCR Datasheet HTML 11Page - Texas Instruments ADS58J89IRGCR Datasheet HTML 12Page - Texas Instruments ADS58J89IRGCR Datasheet HTML 13Page - Texas Instruments ADS58J89IRGCR Datasheet HTML 14Page - Texas Instruments ADS58J89IRGCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
Power Supplies
SRESETb
SDENb
t1
t2
t3
ADS58J89
www.ti.com
SBAS659 – NOVEMBER 2014
6.10 Timing Requirements
MIN
TYP
MAX
UNIT
DIGITAL INPUTS:
SRESETb, SCLK, SDENb, SDATA, ENABLE, OVRA, OVRC, SYSREFCDP, SYSREFCDM
High-level input voltage
1.2
V
All digital inputs support 1.8-V and 3.3-V logic
levels
Low-level input voltage
0.4
V
High-level input current
50
µA
Low-level input current
–50
µA
Input capacitance
4
pF
DIGITAL OUTPUTS:
SDOUT, OVRA, OVRB, OVRC, OVRD
High-level output voltage
ILoad = –100 µA
DVDD – 0.2
DVDD
V
Low-level output voltage
0.2
V
DIGITAL INPUTS:
SYNCbABP/M, SYNCbCDP/M, SYSREFABP/M, SYSREFCDP/M
Input voltage VID
250
350
450
mV
Input common mode voltage VCM
0.4
0.9
1.4
V
tS_SYSREFxx
Referenced to rising edge of input clock
100
ps
tH_SYSREFxx
Referenced to rising edge of input clock
100
ps
6.11 Reset Timing
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t1
Power-on delay
Delay from power up to active-low RESET pulse
3
ms
t2
Reset pulse duration
Active-low RESET pulse duration
20
ns
t3
Register write delay
Delay from RESET disable to SDENb active
100
ns
Figure 1. Reset Timing Diagram
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADS58J89


Podobny numer części - ADS58J89IRGCR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS58J63 TI-ADS58J63 Datasheet
5Mb / 87P
[Old version datasheet]   ADS58J63 Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J63 TI1-ADS58J63 Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J63IRMPR TI1-ADS58J63IRMPR Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J63IRMPT TI1-ADS58J63IRMPT Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J63 TI-ADS58J63_15 Datasheet
5Mb / 87P
[Old version datasheet]   ADS58J63 Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
More results

Podobny opis - ADS58J89IRGCR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS58H40 TI1-ADS58H40_14 Datasheet
2Mb / 60P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS58H40 TI-ADS58H40_15 Datasheet
2Mb / 59P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS7816UC TI-ADS7816UC Datasheet
2Mb / 59P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS58H43 TI-ADS58H43 Datasheet
2Mb / 58P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS62PF49 TI1-ADS62PF49 Datasheet
581Kb / 8P
[Old version datasheet]   Dual-Channel, 250-MSPS Feedback Receiver IC
ADS58J63 TI1-ADS58J63 Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J63 TI-ADS58J63_15 Datasheet
5Mb / 87P
[Old version datasheet]   ADS58J63 Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS54T02 TI-ADS54T02 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02_15 Datasheet
1Mb / 49P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
[Old version datasheet]   Quad Channel 14-Bit 500 MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com