Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC1825-DIE Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części UC1825-DIE
Szczegółowy opis  RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UC1825-DIE Arkusz danych(HTML) 1 Page - Texas Instruments

  UC1825-DIE_15 Datasheet HTML 1Page - Texas Instruments UC1825-DIE_15 Datasheet HTML 2Page - Texas Instruments UC1825-DIE_15 Datasheet HTML 3Page - Texas Instruments UC1825-DIE_15 Datasheet HTML 4Page - Texas Instruments UC1825-DIE_15 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UC1825-DIE
www.ti.com
SLUSBO1 – JULY 2013
RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
Check for Samples: UC1825-DIE
1
FEATURES
Rad-Tolerant: 30 kRad (Si) TID (1)
Wide Bandwidth Error Amplifier
Compatible With Voltage- or Current-Mode
Fully Latched Logic With Double-Pulse
Topologies
Suppression
Practical Operation Switching Frequencies
Pulse-by-Pulse Current Limiting
50-ns Propagation Delay-to-Output
Soft Start/Maximum Duty-Cycle Control
High-Current Dual Totem Pole Outputs
Undervoltage Lockout With Hysteresis
(1)
Radiation tolerance is a typical value based upon initial device
Low Start-Up Current
qualification with dose rate = 10 mrad/sec. Radiation Lot
Acceptance Testing is available - contact factory for details.
DESCRIPTION
The UC1825-DIE PWM control device is optimized for high-frequency switched mode power supply applications.
Particular care was given to minimizing propagation delays through the comparators and logic circuitry while
maximizing bandwidth and slew rate of the error amplifier. This controller is designed for use in either current-
mode or voltage mode systems with the capability for input voltage feed-forward.
Protection circuitry includes a current limit comparator with a 1-V threshold, a TTL compatible shutdown port, and
a soft start pin which will double as a maximum duty-cycle clamp. The logic is fully latched to provide jitter-free
operation and prohibit multiple pulses at an output. An undervoltage lockout section with 800 mV of hysteresis
assures low start up current. During undervoltage lockout, the outputs are high impedance.
This device features totem pole outputs designed to source and sink high peak currents from capacitive loads,
such as the gate of a power MOSFET. The on state is designed as a high level.
ORDERING INFORMATION(1)
PACKAGE
PRODUCT
PACKAGE
ORDERABLE PART NUMBER
PACKAGE QUANTITY
DESIGNATOR
UC1825VTD1
88
UC1825
TD
Bare die in waffle pack(2)
UC1825VTD2
10
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Processing is per the Texas Instruments space production baseline and is in compliance with the Texas Instruments Quality Control
System in effect at the time of manufacture. Electrical screening consists of DC parametric and functional testing at room temperature
only. Unless otherwise specified by Texas Instruments AC performance and performance over temperature is not warranted. Visual
Inspection is performed in accordance with MIL-STD-883 Test Method 2010 Condition B at 75X minimum.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - UC1825-DIE_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1825-SP TI-UC1825-SP Datasheet
264Kb / 18P
[Old version datasheet]   RAD-TOLERANT CLASS V, HIGH-SPEED PWM CONTROLLER
UC1825-SP TI-UC1825-SP_15 Datasheet
264Kb / 18P
[Old version datasheet]   RAD-TOLERANT CLASS V, HIGH-SPEED PWM CONTROLLER
More results

Podobny opis - UC1825-DIE_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1825A-SP TI1-UC1825A-SP Datasheet
513Kb / 16P
[Old version datasheet]   RAD-TOLERANT CLASS-V, HIGH-SPEED PWM CONTROLLER
UC1825-SP TI-UC1825-SP_15 Datasheet
264Kb / 18P
[Old version datasheet]   RAD-TOLERANT CLASS V, HIGH-SPEED PWM CONTROLLER
UC1825A-SP TI1-UC1825A-SP_15 Datasheet
707Kb / 39P
[Old version datasheet]   Rad-Tolerant Class-V, High-Speed PWM Controller
logo
STMicroelectronics
ST1843 STMICROELECTRONICS-ST1843 Datasheet
516Kb / 25P
   Rad-tolerant current mode PWM controller
logo
Texas Instruments
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK0002RH MSK-MSK0002RH Datasheet
590Kb / 7P
   RAD TOLERANT, HIGH SPEED, BUFFER AMPLIFIER
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com