Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OPT9221 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części OPT9221
Szczegółowy opis  OPT9221 Time-of-Flight Controller
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

OPT9221 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button OPT9221_15 Datasheet HTML 7Page - Texas Instruments OPT9221_15 Datasheet HTML 8Page - Texas Instruments OPT9221_15 Datasheet HTML 9Page - Texas Instruments OPT9221_15 Datasheet HTML 10Page - Texas Instruments OPT9221_15 Datasheet HTML 11Page - Texas Instruments OPT9221_15 Datasheet HTML 12Page - Texas Instruments OPT9221_15 Datasheet HTML 13Page - Texas Instruments OPT9221_15 Datasheet HTML 14Page - Texas Instruments OPT9221_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
OPT9221
www.ti.com
SBAS703A – JUNE 2015 – REVISED JUNE 2015
6.3 Recommended Operating Conditions
at GND = 0 V and all voltages related to ground (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCCINT
Core voltage
1.15
1.2
1.25
V
1.8-V operation
1.71
1.8
1.89
V
VCCIO
I/O voltage
2.5-V operation
2.375
2.5
2.625
3.3-V operation
3.135
3.3
3.465
V
VCCD_PLL
PLL digital supply
1.16
1.2
1.24
V
VCCA
PLL Analog supply
2.375
2.5
2.625
V
VCCIO(1) +
VI
Input voltage at input pins
–0.3
V
0.3
TJ
Operating junction temperature
0
85
°C
tRAMP
Power-supply ramp time
50
3000
µs
(1)
VCCIO is the corresponding bank voltage
6.4 Thermal Information
OPT9221
THERMAL METRIC(1)
ZVM (NFBGA)
UNIT
256 BALLS
RθJA
Junction-to-ambient thermal resistance
30.6
RθJC(top)
Junction-to-case (top) thermal resistance
7.6
°C/W
RθJB
Junction-to-board thermal resistance
16.0
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPT9221


Podobny numer części - OPT9221_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATGBICS by Approved Tec...
OPT-0025-00-C ATGBICS-OPT-0025-00-C Datasheet
592Kb / 15P
   OPT-0025-00 F5 Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
logo
Delta Electronics, Inc.
OPT-1250A1F1 DELTA-OPT-1250A1F1 Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1A DELTA-OPT-1250A1F1A Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1AH DELTA-OPT-1250A1F1AH Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1B DELTA-OPT-1250A1F1B Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
More results

Podobny opis - OPT9221_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
   Time-of-Flight Companion Chip
logo
Texas Instruments
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
   Time-of-Flight Sensor Array
logo
Texas Instruments
OPT8320 TI1-OPT8320 Datasheet
1Mb / 88P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8320 TI-OPT8320_V01 Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
logo
Analog Devices
ADTF3175 AD-ADTF3175_V01 Datasheet
150Kb / 2P
   1 MegaPixel Time-of-Flight Module
Rev. Sp0
logo
Melexis Microelectronic...
EVK75123 MELEXIS-EVK75123 Datasheet
726Kb / 2P
   TIME-OF-FLIGHT CHIPSET EVALUATION KIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com