Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDC7200 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części TDC7200
Szczegółowy opis  TDC7200 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR,Magnetostrictive and Flow Meters
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TDC7200 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TDC7200_15 Datasheet HTML 6Page - Texas Instruments TDC7200_15 Datasheet HTML 7Page - Texas Instruments TDC7200_15 Datasheet HTML 8Page - Texas Instruments TDC7200_15 Datasheet HTML 9Page - Texas Instruments TDC7200_15 Datasheet HTML 10Page - Texas Instruments TDC7200_15 Datasheet HTML 11Page - Texas Instruments TDC7200_15 Datasheet HTML 12Page - Texas Instruments TDC7200_15 Datasheet HTML 13Page - Texas Instruments TDC7200_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
Temperature (°C)
40
50
60
70
80
90
100
-40
25
85
D012
IQB
IQC
IQD
Temperature (°C)
0
0.2
0.4
0.6
0.8
1
1.2
-40
25
85
D013
VDD (V)
0.23
0.24
0.25
0.26
0.27
0.28
0.29
0.3
0.31
0.32
2
3.3
3.6
D010
Temperature (°C)
1260
1280
1300
1320
1340
1360
1380
1400
-40
25
85
D011
VDD (V)
1344
1345
1346
1347
1348
1349
1350
1351
1352
1353
2
3.3
3.6
D008
VDD (V)
40
50
60
70
80
90
100
2
3.3
3.6
D009
IQB
IQC
IQD
TDC7200
SNAS647C – FEBRUARY 2015 – REVISED AUGUST 2015
www.ti.com
Typical Characteristics (continued)
TA = 25°C , VDD = 3.3 V, GND = 0 V, CLOCK = 8 MHz, CALIBRATION2_PERIODS = 10, AVG_CYCLES = 1 Measurement,
NUM_STOP = Single STOP, Measurement Mode 2 (unless otherwise noted).
Figure 8. Operating Current (IQA) vs. VDD
Figure 9. Operating Currents (IQB, IQC, IQD) vs. VDD
Figure 10. Shutdown Current (ISH) vs. VDD
Figure 11. Operating Current (IQA) vs. Temperature
Figure 12. Operating Currents (IQB, IQC, IQD) vs.
Figure 13. Shutdown Current (ISH) vs. Temperature
Temperature
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TDC7200


Podobny numer części - TDC7200_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TDC7200 TI1-TDC7200_16 Datasheet
1Mb / 50P
[Old version datasheet]   Time-to-Digital Converter
More results

Podobny opis - TDC7200_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TDC7201 TI1-TDC7201 Datasheet
2Mb / 50P
[Old version datasheet]   TDC7201 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR, Range Finders, and ADAS
logo
ASM GmbH
PD-TDC-24VDC ASM-SENSOR-PD-TDC-24VDC Datasheet
168Kb / 4P
   Digital Process Meter for Time-of-Flight Sensors
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
   Time-of-Flight Companion Chip
logo
Texas Instruments
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
OPT9221 TI-OPT9221_15 Datasheet
1Mb / 104P
[Old version datasheet]   OPT9221 Time-of-Flight Controller
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
   Time-of-Flight Sensor Array
logo
Texas Instruments
OPT8320 TI1-OPT8320 Datasheet
1Mb / 88P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com