Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AME8503 Arkusz danych(PDF) 4 Page - Analog Microelectronics

Numer części AME8503
Szczegółowy opis  Computer Peripherals
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AME [Analog Microelectronics]
Strona internetowa  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8503 Arkusz danych(HTML) 4 Page - Analog Microelectronics

  AME8503 Datasheet HTML 1Page - Analog Microelectronics AME8503 Datasheet HTML 2Page - Analog Microelectronics AME8503 Datasheet HTML 3Page - Analog Microelectronics AME8503 Datasheet HTML 4Page - Analog Microelectronics AME8503 Datasheet HTML 5Page - Analog Microelectronics AME8503 Datasheet HTML 6Page - Analog Microelectronics AME8503 Datasheet HTML 7Page - Analog Microelectronics AME8503 Datasheet HTML 8Page - Analog Microelectronics AME8503 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AME
4
AME8503
Rev.A.01
µµµµµProcessor Supervisory
n
Ordering Information
Number of Pins
Package Type
AME8503 - x x x x x xxx x
V
IN Threshold Voltage (VTH)
Special Feature
Reset Time(T
D2NOM)
Output Options
Pin Configuration
Special Feature
A
1. RESET/RESETB E: SOT-2X
U: 4
A: RESETB
B: 0ms
120: 1.2V
N/A: SOT-25
(SOT-25)
2. IN
I:
SC-70
V: 5
B: RESET
C: 55ms
130: 1.3V
K: 0.9mm max
(TSOT-25A)
3. GND
4:
SOT-143
D: 220ms 140: 1.4V
(for TSOT-2XA Only)
4. MRB
G: 450ms
:
:
5. NC
:
:
:
:
B
1. NC
480: 4.8V
(SOT-25)
2. GND
490: 4.9V
(TSOT-25A)
3. RESET/RESETB
500: 5.0V
4. MRB
5. IN
A
1. GND
(SOT-143)
2. RESET/RESETB
3. MRB
4. IN
A
1. GND
(SC-70-4)
2. RESET/RESETB
3. MRB
4. IN
VIN
Threshold
Voltage
(VTH)
Pin Configuration
Package
Type
Number
of Pins
Reset
Time
(TD2NOM)
Output
Options


Podobny numer części - AME8503

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Microelectronics
AME8500 AME-AME8500 Datasheet
70Kb / 11P
   Micropower uP Reset Family
AME8500 AME-AME8500 Datasheet
410Kb / 14P
   UProcessor Supervisory
AME8500AEET AME-AME8500AEET Datasheet
70Kb / 11P
   Micropower uP Reset Family
AME8500AEETAA15 AME-AME8500AEETAA15 Datasheet
410Kb / 14P
   UProcessor Supervisory
AME8500AEETAA16 AME-AME8500AEETAA16 Datasheet
410Kb / 14P
   UProcessor Supervisory
More results

Podobny opis - AME8503

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vectron International, ...
VXA1 VECTRON-VXA1 Datasheet
52Kb / 2P
   crystals offers the most popular crystal package for computer and peripherals
logo
List of Unclassifed Man...
BCM2711 ETC1-BCM2711 Datasheet
1Mb / 208P
   ARM Peripherals
logo
Maxim Integrated Produc...
MAX28200WEVKIT MAXIM-MAX28200WEVKIT Datasheet
3Mb / 21P
   Integrated Peripherals
Rev 1; 5/19
logo
Zilog, Inc.
Z80 ZILOG-Z80 Datasheet
2Mb / 330P
   Z80 CPU PERIPHERALS
logo
ADL Embedded Solutions
ADLPS104CF ADL-ADLPS104CF_15 Datasheet
447Kb / 1P
   PC/104 Peripherals
logo
Synaptics Incorporated.
CX20805 CONEXANT-CX20805 Datasheet
112Kb / 2P
   Unified Communication Peripherals
logo
ADL Embedded Solutions
104-PWR-500A ADL-104-PWR-500A Datasheet
294Kb / 2P
   PC/104 - Peripherals
logo
Advantech Co., Ltd.
1700090301 ADVANTECH-1700090301 Datasheet
292Kb / 4P
   Embedded Computing Peripherals
logo
ADL Embedded Solutions
104-PWR-512A ADL-104-PWR-512A Datasheet
323Kb / 2P
   PC/104 Peripherals
logo
Broadcom Corporation.
BCM2837 BOARDCOM-BCM2837 Datasheet
3Mb / 205P
   BCM2835 ARM Peripherals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com