Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML1000605D Arkusz danych(PDF) 8 Page - International Rectifier

Numer części ML1000605D
Szczegółowy opis  100V Input, Dual Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

ML1000605D Arkusz danych(HTML) 8 Page - International Rectifier

Back Button ML1000605D Datasheet HTML 4Page - International Rectifier ML1000605D Datasheet HTML 5Page - International Rectifier ML1000605D Datasheet HTML 6Page - International Rectifier ML1000605D Datasheet HTML 7Page - International Rectifier ML1000605D Datasheet HTML 8Page - International Rectifier ML1000605D Datasheet HTML 9Page - International Rectifier ML1000605D Datasheet HTML 10Page - International Rectifier ML1000605D Datasheet HTML 11Page - International Rectifier ML1000605D Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
www.irf.com
ML1000605D
(100V Input, Dual Output)
Radiation Performance
TID
The TID radiation performance is guaranteed by worst case analysis with radiation degradation data for
each radiation sensitive component used in the DC-DC converter. For TID radiation verification testing
(RVT) for each wafer lot for all sensitive components is part of the EEE parts requirements per table below.
Component Type
RVT Plan (applicable to all flight lots)
JANS2N2222A
LDRS 0.01 to 0.1 rad up to 200 krad per IR RVT plan
JANS2N2907A
LDRS 0.01 to 0.1 rad up to 200 krad per IR RVT plan
JANSR2N7492T2
RVT by Manufacturer (HDR)
IRHF57214SESCS
RVT by Manufacturer (HDR)
IRHLUB770Z4SCS
RVT by Manufacturer (HDR)
IRHLUB7970Z4SCS
RVT by Manufacturer (HDR)
LM124AWR
RVT by Manufacturer (ELDRS)
IS2-1009RH
RVT by Manufacturer (HDR)
LDRS 0.01 to 0.1 rad up to 100 krad per IR RVT plan
UC1845A
LDRS 0.01 to 0.1 rad/s up to 100kRad per IR RVT plan
TID RVT Plan Table
SEE
The SEE radiation performance is guaranteed by a combination of derating and mitigation at circuit level.
For mitigation at circuit level both theoretical analysis and testing with imposed SEE effects are performed.
The applicable SEE and mitigation concept is presented in table below.
The maximum output perturbation is 5% of the nominal output voltage during any SEE.
Component Type
Applicable SEE
Mitigation Concept
RH MOSFET
SEGR
Vds derating in combination with SEE SOA
curves from manufacturer data sheet
Op-Amp
SET, 15us perturbation to rail
Mitigation at circuit level (filtering)
Voltage reference
SET, 10us perturbation to rail
Mitigation at circuit level (filtering)
SET, 15us perturbation to rail
Mitigation at circuit level (filtering)
Double Pulses
Mitigation at circuit level (filtering, no
saturation of magnetic parts)
PWM
Missing Pulses
Mitigation at circuit level (filtering, no
saturation of magnetic parts)
Applicable SEE and Mitigation Methods Table


Podobny numer części - ML1000605D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ML1000605D IRF-ML1000605D Datasheet
875Kb / 17P
   HIGH RELIABILITY RADIATION HARDENED LOW POWER DC-DC CONVERTER
ML1000605DEBB IRF-ML1000605DEBB Datasheet
875Kb / 17P
   HIGH RELIABILITY RADIATION HARDENED LOW POWER DC-DC CONVERTER
ML1000605DEQM IRF-ML1000605DEQM Datasheet
875Kb / 17P
   HIGH RELIABILITY RADIATION HARDENED LOW POWER DC-DC CONVERTER
More results

Podobny opis - ML1000605D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
MAH1000503R30812Q IRF-MAH1000503R30812Q_15 Datasheet
1Mb / 20P
   100V Input, Quad Output
logo
Advanced Analog Technol...
AAT4670 AAT-AAT4670 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Advanced Analogic Techn...
AAT4670 ANALOGICTECH-AAT4670 Datasheet
239Kb / 12P
   Dual-Input, Dual-Output Load Switches
AAT4670 ANALOGICTECH-AAT4670_06 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Shenzhen Huazhimei Semi...
HM3125 HMSEMI-HM3125 Datasheet
1Mb / 6P
   Input 20-100V output 2A asynchronous step-down controller
logo
Linear Technology
LT1804 LINER-LT1804_15 Datasheet
407Kb / 20P
   Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1805 LINER-LT1805_15 Datasheet
407Kb / 20P
   Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1803 LINER-LT1803 Datasheet
401Kb / 20P
   Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
LT1803 LINER-LT1803_15 Datasheet
407Kb / 20P
   Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
logo
International Rectifier
HTA20 IRF-HTA20_15 Datasheet
186Kb / 14P
   200V Input, Single/Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com