Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD2082 Arkusz danych(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Numer części 2SD2082
Szczegółowy opis  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Strona internetowa  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SD2082 Arkusz danych(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SD2082_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SD2082_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SD2082_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon NPN Power Transistors
2SD2082
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEsat
Collector-emitter saturation voltage
IC=8A;IB=16m A
1.5
V
VBEsat
Base-emitter saturation voltage
IC=8A;IB=16m A
2.5
V
VCEO(BR)
Collector-emitter breakdown voltage
IC=10mA;IB=0
120
V
IEBO
Emitter cut-off current
VEB=6V; IC=0
10
mA
ICBO
Collector cut-off current
VCB=120V; IE=0
10
μA
hFE
DC current gain
IC=8 A ; VCE=4V
2000
fT
Transition frequency
IC=1 A ; VCE=12V
20
MHz
COB
Output capacitance
IE=0 ; VCB=10V;f=1MHz
210
pF
Switching times
ton
Turn-on time
0.6
μs
ts
Storage time
7.0
μs
tf
Fall time
IC=8A IB1=-IB2=16mA
VCC=40V ,RL=5Ω
1.5
μs


Podobny numer części - 2SD2082_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
2SD2082 SANKEN-2SD2082_01 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
logo
Quanzhou Jinmei Electro...
2SD2082_2015 JMNIC-2SD2082_2015 Datasheet
82Kb / 3P
   Silicon NPN Power Transistors
More results

Podobny opis - 2SD2082_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com