Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM8029 Arkusz danych(PDF) 7 Page - Solid State Optronic

Numer części SM8029
Szczegółowy opis  Built in active discharge circuit for fast turn-off
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SSOUSA [Solid State Optronic]
Strona internetowa  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SM8029 Arkusz danych(HTML) 7 Page - Solid State Optronic

  SM8029 Datasheet HTML 1Page - Solid State Optronic SM8029 Datasheet HTML 2Page - Solid State Optronic SM8029 Datasheet HTML 3Page - Solid State Optronic SM8029 Datasheet HTML 4Page - Solid State Optronic SM8029 Datasheet HTML 5Page - Solid State Optronic SM8029 Datasheet HTML 6Page - Solid State Optronic SM8029 Datasheet HTML 7Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 7 of 7
SM8029 /H/S/TR
Rev 2.00 (11/12/2013)
001730
SM8029
Optically Coupled
Dual MOSFET Driver
w/Discharge Circuit
Note:
All weights above are in GRAMS, and include
packaging materials where applicable
Device
Single Unit
Full Tube
(50pcs)
Full Pouch
(10 tubes)
Full Reel
(1000pcs)
SM8029(-H)
0.54
43
450
-
SM8029-(H)S
0.53
42
440
-
SM8029-(H)STR
0.53
-
-
952
Solid State Optronics (SSO) makes no warranties or representations with regards to the completeness and accuracy of this document. SSO
reserves the right to make changes to product description, specifications at any time without further notices.
SSO shall not assume any liability arising out of the application or use of any product or circuit described herein. Neither circuit patent
licenses nor indemnity are expressed or implied.
Except as specified in SSO’s Standard Terms & Conditions, SSO disclaims liability for consequential or other damage, and we make no other
warranty, expressed or implied, including merchantability and fitness for particular use.
DISCLAIMER
SSO does not authorize use of its devices in life support applications wherein failure or malfunction of a device may lead to personal injury or
death. Users of SSO devices in life support applications assume all risks of such use and agree to indemnify SSO against any and all
damages resulting from such use. Life support devices are defined as devices or systems which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure to perform when used properly in accordance with instructions for use can be
reasonably expected to result in significant injury to the user, or (d) a critical component of a life support device or system whose failure can be
reasonably expected to cause failure of the life support device or system, or to affect its safety or effectiveness.
LIFE SUPPORT POLICY
SM8029 Package Marking
SM8029 Package Weights
Date Code
Pin 1
SM8029
YYWW


Podobny numer części - SM8029

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Solid State Optronic
SM8021 SSOUSA-SM8021 Datasheet
240Kb / 7P
   Built in active discharge circuit for fast turn-off
logo
Micrel Semiconductor
SM802101 MICREL-SM802101 Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101UMG MICREL-SM802101UMG Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101UMGR MICREL-SM802101UMGR Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802104 MICREL-SM802104 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results

Podobny opis - SM8029

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Solid State Optronic
SM6002 SSOUSA-SM6002 Datasheet
248Kb / 7P
   Built in active discharge circuit for fast turn-off
SM6003 SSOUSA-SM6003 Datasheet
223Kb / 7P
   Built in active discharge circuit for fast turn-off
SM8026 SSOUSA-SM8026 Datasheet
240Kb / 7P
   Built in active discharge circuit for fast turn-off
SM8030 SSOUSA-SM8030 Datasheet
240Kb / 7P
   Built in active discharge circuit for fast turn-off
SM6010 SSOUSA-SM6010 Datasheet
223Kb / 7P
   Built in active discharge circuit for fast turn-off
SM4209 SSOUSA-SM4209 Datasheet
212Kb / 7P
   Built in active discharge circuit for fast turn-off
SM4204 SSOUSA-SM4204 Datasheet
212Kb / 7P
   Built in active discharge circuit for fast turn-off
SM6007 SSOUSA-SM6007 Datasheet
223Kb / 7P
   Built in active discharge circuit for fast turn-off
SM6008 SSOUSA-SM6008 Datasheet
223Kb / 7P
   Built in active discharge circuit for fast turn-off
SM6009 SSOUSA-SM6009 Datasheet
223Kb / 7P
   Built in active discharge circuit for fast turn-off
SM8022 SSOUSA-SM8022 Datasheet
240Kb / 7P
   Built in active discharge circuit for fast turn-off
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com