Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAP50-02 Arkusz danych(PDF) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Numer części BAP50-02
Szczegółowy opis  General purpose PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Strona internetowa  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BAP50-02 Arkusz danych(HTML) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BAP50-02_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP50-02_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP50-02_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP50-02_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP50-02_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP50-02_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP50-02_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP50-02_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2001 Apr 17
5
Philips Semiconductors
Product specification
General purpose PIN diode
BAP50-02
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOD523
SC-79
98-11-25
Plastic surface mounted package; 2 leads
SOD523
0
0.5
1 mm
scale
D
12
HE
E
bp
A
c
v M A
A
UNIT
bp
cD
E
v
mm
0.35
0.25
0.2
0.1
0.15
0.9
0.7
1.3
1.1
A
0.7
0.5
HE
1.7
1.5
DIMENSIONS (mm are the original dimensions)
Note
1. The marking bar indicates the cathode.
(1)


Podobny numer części - BAP50-02_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Quanzhou Jinmei Electro...
BAP50-02_2015 JMNIC-BAP50-02_2015 Datasheet
67Kb / 8P
   General purpose PIN diode
logo
NXP Semiconductors
BAP50-02 NXP-BAP50-02_V01 Datasheet
168Kb / 9P
   Silicon PIN diode
Rev. 3.1 - 8 February 2019
More results

Podobny opis - BAP50-02_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BAP51-04W PHILIPS-BAP51-04W Datasheet
84Kb / 7P
   GENERAL PURPOSE PIN DIODE
2002 Feb 19
logo
E-Tech Electronics LTD
BAP51-02 ETL-BAP51-02 Datasheet
165Kb / 2P
   General purpose PIN diode
logo
NXP Semiconductors
BAP51-03 PHILIPS-BAP51-03 Datasheet
57Kb / 8P
   General purpose PIN diode
1999 May 10
BAP50-03 PHILIPS-BAP50-03 Datasheet
60Kb / 8P
   General purpose PIN diode
1999 May 10
BAP51-05W PHILIPS-BAP51-05W Datasheet
58Kb / 8P
   General purpose PIN diode
2001 Jan 23
BAP51-02 PHILIPS-BAP51-02 Datasheet
60Kb / 8P
   General purpose PIN diode
2000 Jul 06
logo
Guangdong Kexin Industr...
KAP50-03 KEXIN-KAP50-03 Datasheet
57Kb / 2P
   General Purpose PIN Diode
logo
NXP Semiconductors
BAP51-06W NXP-BAP51-06W Datasheet
57Kb / 8P
   General purpose PIN diode
Rev. 01-26 May 2008
BAP51-02 PHILIPS-BAP51-02_99 Datasheet
83Kb / 6P
   General purpose PIN diode
1999 Jun 28
logo
Jiangsu Changjiang Elec...
BAP50-03 JIANGSU-BAP50-03 Datasheet
599Kb / 4P
   GENERAL PURPOSE PIN DIODE
logo
Quanzhou Jinmei Electro...
BAP51-04W_N_2015 JMNIC-BAP51-04W_N_2015 Datasheet
89Kb / 7P
   General purpose PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com