Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAP51-04W_N Arkusz danych(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Numer części BAP51-04W_N
Szczegółowy opis  General purpose PIN diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Strona internetowa  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BAP51-04W_N Arkusz danych(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BAP51-04W_N_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51-04W_N_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51-04W_N_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51-04W_N_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51-04W_N_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51-04W_N_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51-04W_N_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2002 Feb 19
4
Philips Semiconductors
Preliminary specification
General purpose PIN diode
BAP51-04W
GRAPHICAL DATA
handbook, halfpage
102
10
1
10−1
MLD507
10−1
1
IF (mA)
rD
(
Ω)
10
102
Fig.2
Forward resistance as a function of forward
current; typical values.
f = 100 MHz; Tj =25
°C.
handbook, halfpage
020
500
0
100
200
300
400
4
Cd
(fF)
VR (V)
812
16
MLD508
Fig.3
Diode capacitance as a function of reverse
voltage; typical values.
f = 100 MHz; Tj =25
°C.
handbook, halfpage
0.5
3
0
−2.5
−2
MGS659
−1.5
−1
−0.5
1
1.5
2
2.5
f (GHz)
|S21|
2
(dB)
(2)
(3)
(1)
Fig.4
Insertion loss (
|s21|2) of the diode as a
function of frequency; typical values.
(1) IF =10 mA.
(2) IF =1 mA
(3) IF =0.5 mA
Diode inserted in series with a 50
Ω stripline circuit and biased via the
analyzer Tee network. Tamb =25
°C.
handbook, halfpage
0.5
3
0
−50
s21
2
(dB)
−40
−30
−20
−10
1
f (GHz)
1.5
2
2.5
MLD509
Fig.5
Isolation (
|s21|2) of the diode as a function of
frequency; typical values.
Diode zero biased and inserted in series with a 50
Ω stripline circuit.
Tamb =25
°C.


Podobny numer części - BAP51-04W_N_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BAP51-04W_N PHILIPS-BAP51-04W_N_15 Datasheet
89Kb / 7P
   General purpose PIN diode
2002 Feb 19
More results

Podobny opis - BAP51-04W_N_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BAP51-04W PHILIPS-BAP51-04W Datasheet
84Kb / 7P
   GENERAL PURPOSE PIN DIODE
2002 Feb 19
logo
E-Tech Electronics LTD
BAP51-02 ETL-BAP51-02 Datasheet
165Kb / 2P
   General purpose PIN diode
logo
NXP Semiconductors
BAP51-03 PHILIPS-BAP51-03 Datasheet
57Kb / 8P
   General purpose PIN diode
1999 May 10
BAP50-03 PHILIPS-BAP50-03 Datasheet
60Kb / 8P
   General purpose PIN diode
1999 May 10
BAP51-05W PHILIPS-BAP51-05W Datasheet
58Kb / 8P
   General purpose PIN diode
2001 Jan 23
BAP51-02 PHILIPS-BAP51-02 Datasheet
60Kb / 8P
   General purpose PIN diode
2000 Jul 06
logo
Guangdong Kexin Industr...
KAP50-03 KEXIN-KAP50-03 Datasheet
57Kb / 2P
   General Purpose PIN Diode
logo
NXP Semiconductors
BAP51-06W NXP-BAP51-06W Datasheet
57Kb / 8P
   General purpose PIN diode
Rev. 01-26 May 2008
BAP51-02 PHILIPS-BAP51-02_99 Datasheet
83Kb / 6P
   General purpose PIN diode
1999 Jun 28
logo
Jiangsu Changjiang Elec...
BAP50-03 JIANGSU-BAP50-03 Datasheet
599Kb / 4P
   GENERAL PURPOSE PIN DIODE
logo
Quanzhou Jinmei Electro...
BAP51-04W_N_2015 JMNIC-BAP51-04W_N_2015 Datasheet
89Kb / 7P
   General purpose PIN diode
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com